Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA1401IFT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSA1401IFT
Description  14-BIT, 20MSPS, 85mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1401IFT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSA1401IFT Datasheet HTML 3Page - STMicroelectronics TSA1401IFT Datasheet HTML 4Page - STMicroelectronics TSA1401IFT Datasheet HTML 5Page - STMicroelectronics TSA1401IFT Datasheet HTML 6Page - STMicroelectronics TSA1401IFT Datasheet HTML 7Page - STMicroelectronics TSA1401IFT Datasheet HTML 8Page - STMicroelectronics TSA1401IFT Datasheet HTML 9Page - STMicroelectronics TSA1401IFT Datasheet HTML 10Page - STMicroelectronics TSA1401IFT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ELECTRICAL CHARACTERISTICS
TSA1401
7/19
Digital Inputs and Outputs
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Clock inputs
VIL
Logic "0" voltage
DVCC=2.5V
0.8
V
VIH
Logic "1" voltage
2.0
V
IIL
Low input current
TBD
µA
IIH
High input current
TBD
µA
Digital inputs
VIL
Logic "0" voltage
VCCBE=2.5V
0.25
VCCBE
V
VIH
Logic "1" voltage
0.75
VCCBE
V
IIL
Low input current
TBD
µA
IIH
High input current
TBD
µA
Digital Outputs
VOL
Logic "0" voltage
VCCBE=2.5V, Iol=10µA
0.1
V
VOH
Logic "1" voltage
VCCBE=2.5V, Ioh=10µA
2.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com