Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSA1401IFT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSA1401IFT
Description  14-BIT, 20MSPS, 85mW A/D CONVERTER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSA1401IFT Datasheet(HTML) 5 Page - STMicroelectronics

  TSA1401IFT Datasheet HTML 1Page - STMicroelectronics TSA1401IFT Datasheet HTML 2Page - STMicroelectronics TSA1401IFT Datasheet HTML 3Page - STMicroelectronics TSA1401IFT Datasheet HTML 4Page - STMicroelectronics TSA1401IFT Datasheet HTML 5Page - STMicroelectronics TSA1401IFT Datasheet HTML 6Page - STMicroelectronics TSA1401IFT Datasheet HTML 7Page - STMicroelectronics TSA1401IFT Datasheet HTML 8Page - STMicroelectronics TSA1401IFT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ELECTRICAL CHARACTERISTICS
TSA1401
5/19
Dynamic Characteristics
Accuracy
Analog Inputs
Internal Reference Voltage
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
SFDR1
Spurious Free Dynamic Range Fin=10MHz, VREFP=1V
Fin=10MHz, VREFP=1.24V (TS431)
Fin=10MHz, internal references
-89
-91.5
-91
-74
dBFS
SNR1
Signal to Noise Ratio
Fin=10MHz, VREFP=1V
Fin=10MHz, VREFP=1.24V (TS431)
Fin=10MHz, internal references
68
71.5
73.1
70
dBc
THD1
Total Harmonic Distortion
Fin=10MHz, VREFP=1V
Fin=10MHz, VREFP=1.24V (TS431)
Fin=10MHz, internal references
-85
-85.9
-86
-71
dBc
SINAD1
Signal to Noise and Distortion
Ratio
Fin=10MHz, VREFP=1V
Fin=10MHz, VREFP=1.24V (TS431)
Fin=10MHz, internal references
66
71
72.85
69.9
dBc
ENOB1
Effective Number of Bits
Fin=10MHz, VREFP=1V
Fin=10MHz, VREFP=1.24V (TS431)
Fin=10MHz, internal references
10.9
11.7
12
11.5
bits
1)
Typical values have been measured using the evaluation board on a dedicated test bench.
Symbol
Parameter
Min
Typ
Max
Unit
OE
Offset Error
-3
LSB
GE
Gain Error
0.04
%
DNL
Differential Non Linearity
±0.8
LSB
INL
Integral Non Linearity
±2LSB
-
Monotonicity and no missing codes
Guaranteed
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VIN-VINB
Analog Input Voltage, Differential
2
Vpp
Cin
Analog Input capacitance
4.0
pF
Zin
Analog Input impedance
Fs=20MHz
3.3
k
Ω
BW
Analog Input Bandwidth (-3dB)
Full power, VIN-VINB=2.0Vpp,
Fs=20MHz
1000
MHz
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
REFP
Top internal reference voltage
0.75
0.84
0.9
V
REFM
Bottom internal reference voltage
0
V
INCM
Internal common mode voltage
0.4
0.44
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com