Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6520 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6520
Description  8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6520 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6520 Datasheet HTML 3Page - Monolithic Power Systems MP6520 Datasheet HTML 4Page - Monolithic Power Systems MP6520 Datasheet HTML 5Page - Monolithic Power Systems MP6520 Datasheet HTML 6Page - Monolithic Power Systems MP6520 Datasheet HTML 7Page - Monolithic Power Systems MP6520 Datasheet HTML 8Page - Monolithic Power Systems MP6520 Datasheet HTML 9Page - Monolithic Power Systems MP6520 Datasheet HTML 10Page - Monolithic Power Systems MP6520 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP6520
– 32V, 1.5A, MICROSTEPPING MOTOR DRIVER W/ INTEGRATED MOSFETS
MP6520 Rev. 1.0
www.MonolithicPower.com
7
10/10/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 10
VIN
Input supply voltage. Both VIN pins must be connected to the same supply.
2
AOUT1
Bridge A output terminal 1.
3, 4
SENA
Bridge A sense resistor connector. Connect SENA to the current sensor resistor for
bridge A.
5
AOUT2
Bridge A output terminal 2.
6
BOUT2
Bridge B output terminal 2.
7, 8
SENB
Bridge B sense resistor connector. Connect SENB to the current sensor resistor for
bridge B.
9
BOUT1
Bridge B output terminal 1.
11
nSLEEP
Sleep mode input. Drive nSLEEP logic low to enter low-power sleep mode; drive
nSLEEP logic high for normal operation. nSLEEP has an internal pull-down resistor.
12
VG
Gate drive regulator output. Bypass VG to GND with a 1µF, 16V ceramic capacitor.
13
nRSET
Reset input. Drive nRSET logic low to initialize the translator and reset internal logic;
drive nRSET logic high for normal operation. nRSET has an internal pull-down
resistor.
14
nENBL
Enable input. Drive nENBL logic high to disable the bridge outputs and translator
operation; drive nENBL logic low to enable outputs and translator. nENBL has an
internal pull-down resistor.
15
MS2
Mode select. MS1 and MS2 set the step mode to full-, half-, quarter-, or eighth-step.
MS1 and MS2 have internal pull-down resistors. See the Microstep Selection section
on page 10 for more details.
16
MS1
17
DIR
Direction input. The logic level applied to DIR sets the direction of motor rotation.
DIR has an internal pull-down resistor.
18
STEP
Step input. A rising edge on STEP sequences the translator and advances the motor
by one increment. Internal pull-down resistor.
19
nFAULT
Fault indication output. nFAULT is driven low when a fault condition (OCP, OVP,
OTS) occurs. nFAULT is an open-drain output. If used, it requires an external pullup
resistor.
20
nHOME
Home position output. nHOME is driven low when the indexer is at the home
position in the step table. nHOME is an open-drain output. If used, it requires an
external pull-up resistor.
21
ROSC
Constant off-time setting input. A resistor from ROSC to GND sets the PWM off
time.
22
MDS
Mixed decay setting. The voltage applied to the MDS input pin sets the PWM decay
mode. See the Decay Modes section on page 10 for details.
23
VREF
Reference voltage input. The voltage applied to the VREF input in conjunction with
the current sense resistance defines the current through the motor. VREF can be
connected to 3P3VOUT.
24
3P3VOUT
3.3V regulator output. 3P3VOUT is a 3.3V regulator output. Decouple 3P3VOUT
with a 0.4
7μF, 6.3V ceramic capacitor to GND.
25
CPA
Charge pump capacitor. Connect a 100nF ceramic capacitor between CPA and
CPB. The capacitor must be rated for at least the voltage applied to VIN.
26
CPB
27
VCP
Charge pump output. VCP requires
a 1μF, 16V ceramic capacitor to VIN.
28, PAD
GND
Ground. Connect both GND and the exposed pad to ground directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com