Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6522 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6522
Description  35V, 3.2A, H-Bridge Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6522 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6522 Datasheet HTML 1Page - Monolithic Power Systems MP6522 Datasheet HTML 2Page - Monolithic Power Systems MP6522 Datasheet HTML 3Page - Monolithic Power Systems MP6522 Datasheet HTML 4Page - Monolithic Power Systems MP6522 Datasheet HTML 5Page - Monolithic Power Systems MP6522 Datasheet HTML 6Page - Monolithic Power Systems MP6522 Datasheet HTML 7Page - Monolithic Power Systems MP6522 Datasheet HTML 8Page - Monolithic Power Systems MP6522 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP6522
– 35V, 3.2A, H-BRIDGE MOTOR DRIVER
1.0MP6522 Rev. 1.01
www.MonolithicPower.com
5
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
Current Sense
ISET Resistor = 1kΩ
ISET vs. Temperature
IOUT = 1A
0
50
100
150
200
250
300
0
50
100
150
200
250
0
0.5
1
1.5
2
2.5
IOUT(A)
ISET
VISEN
97
98
99
100
101
102
103
104
105
106
-50
-20
10
40
70
100
130
TEMPERATURE(o C)
Current Trip Voltage (Rising)
vs. Temperature
Current Trip Voltage (Falling)
vs. Temperature
1.5
1.505
1.51
1.515
1.52
-50
-20
10
40
70
100
130
TEMPERATURE(oC)
1.19
1.195
1.2
1.205
1.21
1.215
1.22
-50
-20
10
40
70
100
130
TEMPERATURE(o C)
HS RON vs. Temperature
IOUT = 1A
LS RON vs. Temperature
IOUT = 1A
250
270
290
310
330
350
370
390
410
-50
-20
10
40
70
100
130
TEMPERATURE(o C)
250
270
290
310
330
350
370
390
410
-50
-20
10
40
70
100
130
TEMPERATURE(oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com