Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6522 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP6522
Description  35V, 3.2A, H-Bridge Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6522 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP6522 Datasheet HTML 3Page - Monolithic Power Systems MP6522 Datasheet HTML 4Page - Monolithic Power Systems MP6522 Datasheet HTML 5Page - Monolithic Power Systems MP6522 Datasheet HTML 6Page - Monolithic Power Systems MP6522 Datasheet HTML 7Page - Monolithic Power Systems MP6522 Datasheet HTML 8Page - Monolithic Power Systems MP6522 Datasheet HTML 9Page - Monolithic Power Systems MP6522 Datasheet HTML 10Page - Monolithic Power Systems MP6522 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
MP6522
– 35V, 3.2A, H-BRIDGE MOTOR DRIVER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications. Users should
warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS products into any application.
MPS will not assume any legal responsibility for any said applications.
MP6522 Rev. 1.01
www.MonolithicPower.com
11
4/17/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-24 (5mmx5mm)
SIDE VIEW
BOTTOM VIEW
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT
INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10
MILLIMETERS MAX.
4) DRAWING CONFIRMS TO JEDEC MO-220.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
MARKING
TOP VIEW
PIN 1 ID INDEX
AREA
RECOMMENDED LAND PATTERN
PIN 1 ID
0.30x45° TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com