Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0102 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 1 Page - Texas Instruments

  LSF0102 Datasheet HTML 1Page - Texas Instruments LSF0102 Datasheet HTML 2Page - Texas Instruments LSF0102 Datasheet HTML 3Page - Texas Instruments LSF0102 Datasheet HTML 4Page - Texas Instruments LSF0102 Datasheet HTML 5Page - Texas Instruments LSF0102 Datasheet HTML 6Page - Texas Instruments LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SW
SW
LSF0102-Q1
8
6
2
7
3
4
5
EN
B1
B2
A2
A1
Vref_A
Vref_B
1
GND
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCT PREVIEW Information. Product in design phase of
development. Subject to change or discontinuance without notice.
LSF0102-Q1
SDLS969 – MAY 2018
LSF0102-Q1 Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
1
1 Features
1
•
AEC-Q100 Qualified for Automotive Applications
–
Temperature Grade 1: –40°C
≤ TA ≤ 125°C
–
Device HBM ESD Classification Level 2
–
CDM ESD Classification Level C6
•
Provides Bidirectional Voltage Translation With No
Direction Pin
•
Supports open drain and push-pull applications
such as I2C, SPI, UART, MDIO, SDIO, and GPIO
•
Supports Up to 100 MHz Up Translation and
Greater Than 100 MHz Down Translation at
≤ 30pF Cap Load and Up To 40 MHz Up/Down
Translation at 50 pF Cap Load
•
Enables Bidirectional Voltage Level Translation
Between
–
0.95 V
↔ 1.8/2.5/3.3/5 V
–
1.2 V
↔ 1.8/2.5/3.3/5 V
–
1.8 V
↔ 2.5/3.3/5 V
–
2.5 V
↔ 3.3/5 V
–
3.3 V
↔ 5 V
•
Low Standby Current
•
5 V Tolerant I/O Ports to Support TTL
Voltage Levels
•
Low ron Provides Less Signal Distortion
•
High-Impedance I/O pins when EN = Low
•
Flow-Through Pinout for Ease of PCB Trace
Routing
•
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
2 Applications
•
Infotainment Head Unit
•
Graphical Cluster
•
ADAS Fusion
•
ADAS Front Camera
•
HEV Battery Management System
3 Description
The LSF0102-Q1 device is an auto bidirectional
voltage translator that translates among a wide range
of supplies without the need for a directional pin. The
LSF0102-Q1 supports up to 100 MHz up translation
and greater than 100 MHz down translation with
capacitive loads
≤ 30 pF. Additionally, the LSF0102-
Q1 supports up to 40 MHz up and down translation at
50 pF capacitance load, which enables the LSF0102-
Q1 device to support a wide variety of standard
interfaces commonly found in automotive applications
such as I2C, SPI, GPIO, SDIO, UART, and MDIO.
The LSF0102-Q1 device has 5-V tolerant data inputs.
This makes the device compatible with TTL voltage
levels.
Furthermore,
the
LSF0102-Q1
supports
mixed-mode voltage translation, allowing the device
to up translate and down translate to different supply
levels on each channel.
Device Information(1)
PART NUMBER
PACKAGE(PINS)
BODY SIZE (NOM)
LSF0102QDCURQ1
VSSOP (8)
2.30 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - LSF0102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0102 TI1-LSF0102 Datasheet
1Mb / 39P
Channel Bidirectional Multi-Voltage Level Translator
LSF0102 TI-LSF0102 Datasheet
3Mb / 53P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
LSF0102 TI-LSF0102 Datasheet
3Mb / 57P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
logo
Nexperia B.V. All right...
LSF0102 NEXPERIA-LSF0102 Datasheet
240Kb / 15P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 4 September 2020
logo
Texas Instruments
LSF0102 TI1-LSF0102 Datasheet
1Mb / 42P
LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
REVISED APRIL 2024
More results

Similar Description - LSF0102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
Channel Bidirectional Multi-Voltage Level Translator
LSF0204 TI1-LSF0204 Datasheet
1Mb / 32P
4-Bits Bidirectional Multi-Voltage Level Translator
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
2-Bit Bidirectional Voltage-Level Translator
LSF0108-Q1 TI1-LSF0108-Q1 Datasheet
1Mb / 24P
Automotive 8-Channel Multi-Voltage Level Translator
LSF0204-Q1 TI1-LSF0204-Q1 Datasheet
477Kb / 21P
Automotive Qualified 4-Bit Auto-Bidirectional Multi-Voltage Level Translator
logo
Unisonic Technologies
UVXS0102 UTC-UVXS0102 Datasheet
220Kb / 11P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
logo
Nexperia B.V. All right...
LSF0102-Q100 NEXPERIA-LSF0102-Q100 Datasheet
211Kb / 12P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 4 September 2020
NCA9306-Q100 NEXPERIA-NCA9306-Q100 Datasheet
200Kb / 11P
2-bit bidirectional multi-voltage level translator; open-drain;push-pull
Rev. 1 - 11 February 2022
NCA9306 NEXPERIA-NCA9306 Datasheet
234Kb / 14P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 26 November 2021
logo
Silicon Mitus, Inc.
SM5520 SILICONMITUS-SM5520 Datasheet
404Kb / 2P
2 Bits Bidirectional Voltage Level Translator
April 2021 Rev. 0.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com