Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSF0102 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0102
Description  Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 6Page - Texas Instruments LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments LSF0102 Datasheet HTML 10Page - Texas Instruments LSF0102 Datasheet HTML 11Page - Texas Instruments LSF0102 Datasheet HTML 12Page - Texas Instruments LSF0102 Datasheet HTML 13Page - Texas Instruments LSF0102 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SW
SW
LSF0102-Q1
8
6
2
7
3
4
5
EN
B1
B2
A2
A1
Vref_A
Vref_B
1
GPIO1
GPIO2
VCC
Vref_A = 1.2 V
GPIO3
VCC
GPIO3
VCC
Vpu3 = 2.5 V
Vpu1 = 3.3 V
Rpu
Rpu
Rpu
200
NŸ
GND
GND
GND
VB_Pullup = 3.3 V
10
LSF0102-Q1
SDLS969 – MAY 2018
www.ti.com
Product Folder Links: LSF0102-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.4 Device Functional Modes
When the An or Bn port is LOW, the switch is in the ON-state and a low resistance connection exists between
the An and Bn ports. The low Ron of the switch allows connections to be made with minimal propagation delay
and signal distortion. Assuming the higher voltage is on the Bn port when the Bn port is HIGH, the voltage on the
An port is limited to the voltage set by Vref_A. When the An port is HIGH, the Bn port is pulled to the drain pull-
up supply voltage (Vpu#) by the pull-up resistors. This functionality allows a seamless translation between higher
and lower voltages selected by the user without the need for direction control. For additional details on the
functional operation of the LSF0102-Q1, see the Down Translation with the LSF Family and Up Translation with
the LSF Family videos.
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LSF0102-Q1 device is able to perform voltage translation for open-drain or push-pull interfaces such as I2C,
SPI, UART, MDIO, SDIO, and GPIO.
9.2 Typical Application
9.2.1 Bidirectional Translation
Figure 7. Bidirectional Translation to Multiple Voltage Levels
9.2.1.1 Design Requirements
9.2.1.1.1
Enable, Disable, and Reference Voltage Guidelines
The LSF0102-Q1 device has an EN input that is used to disable the device by setting EN LOW, which places all
I/Os in the high-impedance state. Since LSF family is switch-type voltage translator, the power consumption is
very low. It is recommended to always enable LSF0102-Q1 device for bidirectional applications by connecting
the EN pin to the Vref_B pin, as shown in Figure 7. For additional details on setting up the Vref_A, Vref_B, and
EN pins, see the Understanding the Bias Circuit for the LSF Family video.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com