Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC618LP3E Datasheet(PDF) 14 Page - Analog Devices

Part # HMC618LP3E
Description  GaAs SMT pHEMT LOW NOISE AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC618LP3E Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC618LP3E Datasheet HTML 6Page - Analog Devices HMC618LP3E Datasheet HTML 7Page - Analog Devices HMC618LP3E Datasheet HTML 8Page - Analog Devices HMC618LP3E Datasheet HTML 9Page - Analog Devices HMC618LP3E Datasheet HTML 10Page - Analog Devices HMC618LP3E Datasheet HTML 11Page - Analog Devices HMC618LP3E Datasheet HTML 12Page - Analog Devices HMC618LP3E Datasheet HTML 13Page - Analog Devices HMC618LP3E Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
7
7 - 14
Evaluation PCB, 1200 to 1700 MHz Tune
Item
Description
J1, J2
PCB Mount SMA RF Connector
J3 - J5
DC Pin
C1
10 nF Capacitor, 0402 Pkg.
C2, C4
1000 pF Capacitor, 0603 Pkg..
C3, C5
0.47 µF Capacitor, 0603 Pkg.
C6
100 pF Capacitor, 0402 Pkg.
C7
3 pF Capacitor, 0402 Pkg.
L1
27 nH, Inductor, 0603 Pkg.
L2
5.6 nH, Inductor, 0603 Pkg.
L3
18 nH, Inductor, 0603 Pkg.
R1
470 Ohm resistor, 0402 Pkg.
U1
HMC618LP3(E) Amplifier
PCB [1]
600-00077-00 Evaluation PCB
[1] Circuit Board Material: Rogers 4350.
Item
Content
Part Number
Evaluation PCB
HMC618ALP3E
Evaluation PCB
EV1HMC618ALP3
List of Materials for Evaluation PCB
Evaluation PCB Ordering Information
The circuit board used in this application should use
RF circuit design techniques. Signal lines should
have 50 Ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation board should be mounted to an appro-
priate heat sink. The evaluation circuit board shown
is available from Hittite upon request.
HMC618ALP3E
v00.1014
GaAs SMT pHEMT LOW NOISE
AMPLIFIER, 1.2 - 2.2 GHz
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com