Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC618LP3E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC618LP3E
Description  GaAs SMT pHEMT LOW NOISE AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC618LP3E Datasheet(HTML) 2 Page - Analog Devices

  HMC618LP3E Datasheet HTML 1Page - Analog Devices HMC618LP3E Datasheet HTML 2Page - Analog Devices HMC618LP3E Datasheet HTML 3Page - Analog Devices HMC618LP3E Datasheet HTML 4Page - Analog Devices HMC618LP3E Datasheet HTML 5Page - Analog Devices HMC618LP3E Datasheet HTML 6Page - Analog Devices HMC618LP3E Datasheet HTML 7Page - Analog Devices HMC618LP3E Datasheet HTML 8Page - Analog Devices HMC618LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
978-250-3343 tel • 978-250-3373 fax • Order On-line at www.hittite.com
Application Support: apps@hittite.com
7
7 - 2
Electrical Specifications
T
A = +25° C, Rbias = 10K Ohm for Vdd1 = Vdd2 = 3V
Parameter
Vdd = 3 Vdc
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range
1200 - 1700
1700 - 2000
2000 - 2200
MHz
Gain
18
22
15
18
12.5
15.8
dB
Gain Variation Over Temperature
0.009
0.009
0.009
dB/°C
Noise Figure
0.8
1.1
0.9
1.2
0.9
1.2
dB
Input Return Loss
26
17
19
dB
Output Return Loss
14
13
11
dB
Output Power for 1 dB
Compression (P1dB)
10
15
12
15
13
15
dBm
Saturated Output Power (Psat)
16
16
16
dBm
Output Third Order Intercept (IP3)
28
28
28
dBm
Supply Current (Idd)
47
65
47
65
47
65
mA
* Rbias resistor sets current, see application circuit herein
Broadband Gain & Return Loss [1] [2]
Gain vs. Temperature [1]
Input Return Loss vs. Temperature [1]
Gain vs. Temperature [2]
[1] Vdd = 5V, Rbias = 470 Ohm [2] Vdd = 3V, Rbias = 10K Ohm
HMC618ALP3E
v00.1014
GaAs SMT pHEMT LOW NOISE
AMPLIFIER, 1.2 - 2.2 GHz
1700 to 2200 MHz Tune
-24
-14
-4
6
16
26
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
Vdd=5V
Vdd=3V
FREQUENCY (GHz)
S21
S22
S11
12
14
16
18
20
22
24
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
10
12
14
16
18
20
22
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+25 C
+85 C
- 40 C
FREQUENCY (GHz)
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com