Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6752DBEVAL1Z Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL6752DBEVAL1Z
Description  ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6752DBEVAL1Z Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL6752DBEVAL1Z Datasheet HTML 4Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 5Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 6Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 7Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 8Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 9Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 10Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 11Page - Renesas Technology Corp ISL6752DBEVAL1Z Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ISL6752
FN9181 Rev 4.00
Page 8 of 18
August 1, 2016
VADJ Delay Time
TA = +25°C (OUTLx Delayed) (Note 9)
VADJ = 0
280
300
320
ns
VADJ = 0.5V
92
105
118
ns
VADJ = 1.0V
61
70
80
ns
VADJ = 1.5V
48
55
65
ns
VADJ = 2.0V
41
50
58
ns
TA = +25°C (OUTLxN Delayed)
VADJ = VREF
280
300
320
ns
VADJ = VREF - 0.5V
86
100
114
ns
VADJ = VREF - 1.0V
59
68
77
ns
VADJ = VREF - 1.5V
47
55
62
ns
VADJ = VREF - 2.0V
41
48
55
ns
THERMAL PROTECTION
Thermal Shutdown
(Note 6)
130
140
150
°C
Thermal Shutdown Clear
(Note 6)
115
125
135
°C
Hysteresis, Internal Protection
(Note 6)
-
15
-
°C
NOTES:
6. Limits established by characterization and are not production tested.
7. This is the maximum duty cycle achievable using the specified values of RTD and CT. Larger or smaller maximum duty cycles may be obtained using
other values for these components. See Equations 1 through 3.
8. Adjust VDD below the UVLO stop threshold prior to setting at 7V.
9. When OUTx is delayed relative to OUTLxN (VADJ < 2.425V), the delay duration as set by VADJ should not exceed 90% of the CT discharge time
(dead time) as determined by CT and RTD.
10. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” on page 3
and “typical application on Figure 2 on page 4 and Figure 3 on page 5. 9V < VDD < 20V, RTD = 10.0kΩ CT = 470pF, TA = -40°C to +105°C, Typical values
are at TA = +25°C. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 10)TYP
MAX
(Note 10)UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com