Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8121IRZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL8121IRZ
Description  3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8121IRZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL8121IRZ Datasheet HTML 1Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 2Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 3Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 4Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 5Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL8121IRZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Block Diagram
SOFT-START
BOOT1
COMP
FB
REFERENCE
AND
FAULT LOGIC
CONTROL
LOGIC
GATE
CONTROL
GATE
CONTROL
CURRENT
CORRECTION
+
-
OC
EA
PWM1
PWM2
OVP
ISEN1
PVCC
VCC
EN
PGD
PHASE1
LG1
UG1
GND
PHASE2
LG2
UG2
BOOT2
ISEN2
FS
REFTRK
VDIFF
VSEN-
VSEN+
X1
VMON
VREG
OSCILLATOR
300mV +
-
VCC
SS
10µA
VCC
20A
VCC
20µA/1mA
20A
10µA
110%
90%
REGULATOR
SHUNT LINEAR
POWER-ON
RESET (POR)
120%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com