Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-7225 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-7225
Description  Multi TOPLED with LED and Phototransistor-Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7225 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-7225 Datasheet HTML 1Page - OSRAM GmbH SFH-7225 Datasheet HTML 2Page - OSRAM GmbH SFH-7225 Datasheet HTML 3Page - OSRAM GmbH SFH-7225 Datasheet HTML 4Page - OSRAM GmbH SFH-7225 Datasheet HTML 5Page - OSRAM GmbH SFH-7225 Datasheet HTML 6Page - OSRAM GmbH SFH-7225 Datasheet HTML 7Page - OSRAM GmbH SFH-7225 Datasheet HTML 8Page - OSRAM GmbH SFH-7225 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2012-08-17
2
Version 1.0
SFH 7225
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating and storage temperature range
Betriebs- und Lagertemperatur
Top; Tstg
-40 ... 100
°C
Emitter
Sender
Forward current
Durchlassstrom
IF (DC)
30
mA
Reverse voltage
Sperrspannung
VR
5V
Total power dissipation
Verlustleistung
Ptot
80
mW
Thermal resistance junction - ambient, mounted on
PC-board (FR4)
Wärmewiderstand Sperrschicht - Umgebung, bei
Montage auf FR4 Platine
RthJA
800
6001)
K / W
Thermal resistance junction - solder point,
mounted on PC-board (FR4)
Wärmewiderstand Sperrschicht - Lötpad, bei
Montage auf FR4 Platine
RthJS
500
3401)
K / W
Detector (Silicon phototransistor)
Empfänger (Si-Fototransistor)
Collector current
Kollektorstrom
IC
15
mA
Collector-emitter voltage
Kollektor-Emitter-Spannung
VCE
35
V
Collector surge current
Kollektorspitzenstrom
( < 10 μs)
ICS
75
mA
Total power dissipation
Verlustleistung
Ptot
90
mW
1):
This value is valid only when the power dissipation of the photo transistor is limited to max. 2.5 mW.
1):
Dieser Wert gilt nur, wenn die Verlustleistung des Fototransistors auf max. 2,5 mW begrenzt ist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com