Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-7225 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-7225
Description  Multi TOPLED with LED and Phototransistor-Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7225 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-7225 Datasheet HTML 1Page - OSRAM GmbH SFH-7225 Datasheet HTML 2Page - OSRAM GmbH SFH-7225 Datasheet HTML 3Page - OSRAM GmbH SFH-7225 Datasheet HTML 4Page - OSRAM GmbH SFH-7225 Datasheet HTML 5Page - OSRAM GmbH SFH-7225 Datasheet HTML 6Page - OSRAM GmbH SFH-7225 Datasheet HTML 7Page - OSRAM GmbH SFH-7225 Datasheet HTML 8Page - OSRAM GmbH SFH-7225 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Version 1.0
SFH 7225
2012-08-17
3
Characteristics (TA = 25 °C)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Emitter
Sender
Emission wavelength
Zentrale Emissionswellenlänge
(IF = 20 mA, tP = 20 ms)
peak
591
nm
Dominant wavelength
Dominantwellenlänge
(IF = 20 mA, tP = 20 ms)
dom
589
nm
Spectral bandwidth at 50% of Imax
Spektrale Bandbreite bei 50% von Imax
(IF = 20 mA, tp = 20 ms)
15
nm
Half angle
Halbwinkel
± 60
°
Forward voltage
Durchlassspannung
(IF = 20 mA, tp = 20 ms)
VF
2 ( 2.6)
V
Reverse current
Sperrstrom
(VR = 3 V)
IR
0.01 ( 10)
μA
Temperature coefficient of VF
Temperaturkoeffizient von VF
(IF = 20 mA, tp = 20 ms)
TCV
-2.5
mV / K
Temperature coefficient of peak
Temperaturkoeffizient von peak
(IF = 20 mA, tp = 20 ms)
TC peak
0.13
nm / K
Temperature coefficient of dom
Temperaturkoeffizient von dom
(IF = 20 mA, tp = 20 ms)
TC dom
0.096
nm / K
Detector (Silicon phototransistor)
Empfänger (Si-Fototransistor)
Wavelength of max. sensitivity
Wellenlänge der max. Fotoempfindlichkeit
S max
990
nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com