Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6528 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6528
Description  5V to 60V, H-Bridge Gate Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6528 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6528 Datasheet HTML 5Page - Monolithic Power Systems MP6528 Datasheet HTML 6Page - Monolithic Power Systems MP6528 Datasheet HTML 7Page - Monolithic Power Systems MP6528 Datasheet HTML 8Page - Monolithic Power Systems MP6528 Datasheet HTML 9Page - Monolithic Power Systems MP6528 Datasheet HTML 10Page - Monolithic Power Systems MP6528 Datasheet HTML 11Page - Monolithic Power Systems MP6528 Datasheet HTML 12Page - Monolithic Power Systems MP6528 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
MP6528 – 5V TO 60V, H-BRIDGE GATE DRIVER
MP6528 Rev. 1.03
www.MonolithicPower.com
9
6/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VIN
Input supply voltage. Bypass to ground with a ceramic capacitor.
Additional bulk
capacitance may be required. See Applications Information section.
2
CPA
Charge pump capacitor.
Connect a ceramic capacitor between these pins. See
Applications Information section.
3
CPB
4
VREG
Gate drive supply output. Connect a ceramic capacitor to ground. See Applications
Information section.
5
BSTA
Bootstrap phase A. Connect a ceramic capacitor to SHA.
See Applications Information section.
6
SHA
High-side source connection phase A.
7
GHA
High-side gate drive phase A.
8
GLA
Low-side gate drive phase A.
9, 10,
11, 12
NC
No connection. Leave these pins open.
13
BSTB
Bootstrap phase B. Connect a ceramic capacitor to SHB.
See Applications Information section.
14
SHB
High-side source connection phase B.
15
GHB
High-side gate drive phase B.
16
GLB
Low-side gate drive phase B.
17
LSS
Low-side source connection.
18
PWMB
PWM input pin for phase B. High drives phase B high; low drives phase B low.
Internal pulldown.
19
GND
Ground.
20
PWMA
PWM input pin for phase A. High drives phase A high; low drives phase A low.
Internal pulldown.
21
ENB
Enable pin for phase B. Active high enables the gate driver for phase B; low disables
the gate driver for phase B. Internal pulldown..
22
GND
Ground.
23
ENA
Enable pin for phase A. Active high enables the gate driver for phase A; low disables
the gate driver for phase A. Internal pulldown.
24
nFAULT
Fault indication. Open-drain output. nFAULT is logic low when in a fault condition.
25
nSLEEP
Sleep mode input. Logic low to enter low-power sleep mode; high to enable. Internal
pulldown.
26
OCREF
Over-current protection reference voltage input.
27
DT
Dead time setting.
Connect a resistor to ground to set the dead time.
See
Applications Information section.
28
GND
Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com