Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6528 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6528
Description  5V to 60V, H-Bridge Gate Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6528 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6528 Datasheet HTML 1Page - Monolithic Power Systems MP6528 Datasheet HTML 2Page - Monolithic Power Systems MP6528 Datasheet HTML 3Page - Monolithic Power Systems MP6528 Datasheet HTML 4Page - Monolithic Power Systems MP6528 Datasheet HTML 5Page - Monolithic Power Systems MP6528 Datasheet HTML 6Page - Monolithic Power Systems MP6528 Datasheet HTML 7Page - Monolithic Power Systems MP6528 Datasheet HTML 8Page - Monolithic Power Systems MP6528 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP6528
5V to 60V, H-Bridge
Gate Driver
MP6528 Rev. 1.03
www.MonolithicPower.com
1
6/20/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP6528 is a gate driver IC designed for H-
bridge driver applications. It is capable of
driving two half-bridges consisting of four N-
channel power MOSFETs up to 60V.
The MP6528 integrates a regulated charge
pump to generate gate drive power, and uses a
bootstrap
capacitor
to
generate
a
supply
voltage for the high-side MOSFET driver. An
internal trickle-charge circuit maintains sufficient
high-side gate driver voltage even when an
output is operated at 100% duty cycle.
Internal
protection
features
include
programmable short-circuit protection, over-
current protection, adjustable dead-time control,
undervoltage lockout, and thermal shutdown.
The
MP6528
is
available
in
a
QFN-28
(4mmx4mm) package with an exposed thermal
pad.
FEATURES
 Wide 5V to 60V Input Voltage Range
 Charge Pump Gate Drive Supply
 Bootstrap High-Side Driver with Trickle-
Charge Circuit Supports 100% Duty Cycle
Operation
 Low-Power Sleep Mode
 Programmable Short-Circuit Protection
 Over-Current Protection
 Adjustable Dead-Time Control to Prevent
Shoot-Through
 Thermal Shutdown and UVLO Protection
 Fault Indication Output
 Thermally
Enhanced
Surface
Mount
Package
APPLICATIONS
 DC Brush Motors
 Automotive Actuators
 Gate Openers
 Power Converters
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
CPA
CPB
VREG
VIN
LSS
PWMA
PWMB
OCREF
nFAULT
DT
VIN
MP6528
RDEAD
0.47µF
ENA
ENB
10µF
CIN
GLA
GHA
SHA
Phase A
(repeat for B)
To
Phase B
nSLEEP
GND
BSTA
DCM


Similar Part No. - MP6528

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6520 MPS-MP6520 Datasheet
749Kb / 15P
8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
MP6520GV MPS-MP6520GV Datasheet
749Kb / 15P
8V to 32V, 1.5A, Stepper Motor Driver with Integrated MOSFETs
MP6522 MPS-MP6522 Datasheet
504Kb / 11P
35V, 3.2A, H-Bridge Motor Driver
MP6522GU MPS-MP6522GU Datasheet
504Kb / 11P
35V, 3.2A, H-Bridge Motor Driver
MP6527 MPS-MP6527 Datasheet
1Mb / 24P
40V, 0.8A, 10-Channel, Half-Bridge Motor Driver with Serial Input Control
9/23/2021 Rev. 1.0
More results

Similar Description - MP6528

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33883 MOTOROLA-MC33883 Datasheet
556Kb / 20P
H-Bridge Gate Driver IC
logo
Toshiba Semiconductor
TPD7202F TOSHIBA-TPD7202F Datasheet
619Kb / 17P
POWER MOSFET GATE DRIVER FOR H BRIDGE
logo
Freescale Semiconductor...
33883 FREESCALE-33883 Datasheet
536Kb / 21P
H-Bridge Gate Driver IC
logo
Rohm
BD62222HFP ROHM-BD62222HFP Datasheet
284Kb / 11P
H-bridge driver
BD62321HFP ROHM-BD62321HFP Datasheet
259Kb / 11P
H-bridge driver
logo
Freescale Semiconductor...
MC33883 FREESCALE-MC33883_12 Datasheet
617Kb / 21P
H-Bridge Gate Driver IC
logo
Texas Instruments
DRV8704 TI1-DRV8704 Datasheet
1Mb / 38P
Dual H-Bridge PWM Gate Driver
logo
New Japan Radio
NJM2675 NJRC-NJM2675 Datasheet
300Kb / 8P
H BRIDGE DRIVER
logo
Texas Instruments
DRV8702-Q1 TI1-DRV8702-Q1 Datasheet
127Kb / 6P
Automotive H-Bridge Gate Driver
logo
STMicroelectronics
L99H02 STMICROELECTRONICS-L99H02 Datasheet
1Mb / 51P
H-bridge gate driver for automotive applications
24-Feb-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com