Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV2636 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AV2636
Description  24-bit 192kHz Stereo Audio DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2636 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AV2636 Datasheet HTML 5Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 9Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 10Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 11Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 12Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AV2636
Product Datasheet
SERIAL CONTROL INTERFACE
The AV2636 supports a 2-wire I
2C compatible serial control interface. When MODE pin is externally
pulled high, the FMTC and FMTD pins function as SCL and SDA. Where SCL is serial clock input and
SDA is serial data input and output. The internal control registers can be programmed through the
interface.
The chip ID for the AV2636 is a 7-bit hexadecimal number “32hex”. The protocol for write operation
consists of sending 3 bytes of data to the AV2636 at SDA pin. Following each byte is the acknowledge bit
generated by the AV2636. The first byte is the 7-bit chip ID followed by the read/write bit (read is logic
high and write is logic low). The second byte is control register address. The third byte is control register
data. The following diagram shows a “write” sequence and timing of control register address 00H and
data 30H.
SDA
SCL
START CA6
CA0 R/W ACK A7 A6 A5 A4 A3 A2 A1 A0 ACK D7 D6 D5 D4 D3 D2 D1 D0 ACK STOP
0
1
1
0
0
1
1
Chip ID:
CA[6:0] = 0110010
Register Address: A[7:0] = 00H
Data:
D[7:0] = 30H
Timing specifications
tBF
STOP
START
STOP
tDH_STA
tLOW
tr
tf
tHIGH
tDH_DA
tDS_DA
tDS_STO
START
tDS_STA
SDA
SCL
Symbol
Descriptions
Min
Max
Units
fSC
SCL clock frequency
100
kHz
tDS_STA
START condition SDA setup time
4.7
µs
tDH_STA
START condition SDA hold time
4.0
µs
tDS_STO
STOP condition SDA setup time
4.0
µs
tLOW
SCL low pulse time
4.7
µs
tHIGH
SCL high pulse time
4.0
µs
tr
SCL and SDA rise time
1.0
µs
tf
SCL and SDA fall time
0.3
µs
tDS_DA
Data setup time
250
ns
tDH_DA
Data hold time
0
ns
tBF
Bus free time
4.7
µs
AVS Technology, Inc.
9-16
August 18, 2004
www.avstech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com