Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV2636 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AV2636
Description  24-bit 192kHz Stereo Audio DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2636 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AV2636 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 9Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 10Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 11Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 12Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 13Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 14Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 15Page - List of Unclassifed Manufacturers AV2636 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AV2636
Product Datasheet
RECOMMENDED APPLICATION CONNECTIONS
AV2636
GND
7
VDD
C1
0.1uF
C2
10uF
SF
SD
SC
Audio
Data
Processor
MUTE
MODE
FMTC
FMTD
1
2
3
10
11
12
13
8
Hardware
& Software
Control
+
AOUTR
AOUTL
10uF
10uF
6
9
VCM
C3
0.1uF
C4
10uF
+
5
External
Low Pass
Filters for
L/R Channel
2.3V – 3.6V
Notes:
1. Power supply VDD should be a clean analog power that separated from system digital power.
2. C1 and C3 should be placed as close to the AV2636 as possible.
3. Use low ESR capacitors for better performance.
RECOMMENDED EXTERNAL LOW PASS FILTER
+
−
47kΩ
2.2kΩ
10kΩ
10kΩ
10kΩ
1.0nF
680pF
51Ω
Vi
Vo
+Vs
-Vs
AVS Technology, Inc.
15-16
August 18, 2004
www.avstech.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com