Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2033 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # REF2033
Description  Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF2033 Datasheet(HTML) 3 Page - Texas Instruments

  REF2033 Datasheet HTML 1Page - Texas Instruments REF2033 Datasheet HTML 2Page - Texas Instruments REF2033 Datasheet HTML 3Page - Texas Instruments REF2033 Datasheet HTML 4Page - Texas Instruments REF2033 Datasheet HTML 5Page - Texas Instruments REF2033 Datasheet HTML 6Page - Texas Instruments REF2033 Datasheet HTML 7Page - Texas Instruments REF2033 Datasheet HTML 8Page - Texas Instruments REF2033 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
3
5
4
2
GND
VBIAS
VIN
EN
VREF
3
REF2025, REF2030, REF2033, REF2041
www.ti.com
SBOS600C – MAY 2014 – REVISED JANUARY 2017
Product Folder Links: REF2025 REF2030 REF2033 REF2041
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
5 Device Comparison Table
PRODUCT
VREF
VBIAS
REF2025
2.5 V
1.25 V
REF2030
3.0 V
1.5 V
REF2033
3.3 V
1.65 V
REF2041
4.096 V
2.048 V
6 Pin Configuration and Functions
DDC Package
SOT23-5
(Top View)
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
VBIAS
Output
Bias voltage output (VREF / 2)
2
GND
—
Ground
3
EN
Input
Enable (EN
≥ VIN – 0.7 V, device enabled)
4
VIN
Input
Input supply voltage
5
VREF
Output
Reference voltage output (VREF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com