Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF2033 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # REF2033
Description  Low-Drift, Low-Power, Dual-Output, VREF and VREF / 2 Voltage References
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF2033 Datasheet(HTML) 10 Page - Texas Instruments

Back Button REF2033 Datasheet HTML 6Page - Texas Instruments REF2033 Datasheet HTML 7Page - Texas Instruments REF2033 Datasheet HTML 8Page - Texas Instruments REF2033 Datasheet HTML 9Page - Texas Instruments REF2033 Datasheet HTML 10Page - Texas Instruments REF2033 Datasheet HTML 11Page - Texas Instruments REF2033 Datasheet HTML 12Page - Texas Instruments REF2033 Datasheet HTML 13Page - Texas Instruments REF2033 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
2 V/div
Time (100 µs/div)
C033
V
IN
V
REF
2 V/div
Time (100 µs/div)
C034
V
IN
V
REF
0
100
200
300
400
±30
±20
±10
0
10
20
30
Load Current (mA)
C005
25°C
±40°C
125°C
Time (500 µs/div)
C036
40 mA/div
+20 mA
-20 mA
+20 mA
+20 mA
+20 mA
40 mV/div
V
REF
20 mV/div
Time (500 µs/div)
C037
+1 mA
+1 mA
- 1 mA
2 mA/div
V
REF
Time (500 µs/div)
C031
V
REF
40 mA/div
-20 mA
+20 mA
+20 mA
40 mV/div
10
REF2025, REF2030, REF2033, REF2041
SBOS600C – MAY 2014 – REVISED JANUARY 2017
www.ti.com
Product Folder Links: REF2025 REF2030 REF2033 REF2041
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, IL = 0 mA, VIN = 5-V power supply, CL = 0 µF, and 2.5-V output, unless otherwise noted.
CL = 10 µF
IL = ±1-mA step
Figure 25. Load Transient Response
CL = 1 µF
IL = ±20-mA step
Figure 26. Load Transient Response
CL = 10 µF
IL = ±20-mA step
Figure 27. Load Transient Response
Figure 28. Minimum Dropout Voltage vs Load Current
CL = 1 µF
Figure 29. Turn-On Settling Time
CL = 10 µF
Figure 30. Turn-On Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com