Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68124IRAZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL68124IRAZ
Description  Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68124IRAZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL68124IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68124IRAZ Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
ISL68124
FN8796 Rev.2.00
Page 16 of 46
June 16, 2017
Fault Monitoring and Protection
The ISL68124 actively monitors temperature, input voltage, output
voltage, and output current to detect and report fault conditions.
Fault monitors trigger configurable protective measures to prevent
damage to a load. The power-good indicators, PG0/PG1, are
provided for linking to external system monitors.
A high level of flexibility is provided in the ISL68124 fault logic.
Faults can be enabled or disabled individually. Each fault type can
also be configured to either latch off or retry indefinitely.
Power-Good Signals
The PG0/PG1 pins are open-drain, power-good outputs that
indicate completion of the soft-start sequence and output
voltage of the associated rail within the expected regulation
range.
The PG pins can be associated or disassociated with a number of
the available fault types. This allows a system design to be tailored
for virtually any condition. In addition, these power-good
indicators will be pulled low when a fault (OCP or OVP) condition
or UV condition is detected on the associated rail.
Output Voltage Protection
Output voltage is measured at the load sensing points
differentially for regulation and the same measurement is used
for OVP and UVP. The fault thresholds are set using PMBus
commands. Figure 17 shows a simplified OVP/UVP block
diagram. The output voltage comparisons are done in the digital
domain.
The device responds to an output overvoltage condition by
disabling the output, declaring a fault, setting the SALRT pin,
setting the PG pin, and then pulsing the LFET until the output
voltage has dropped below the threshold. Similarly, the device
responds to an output undervoltage condition by disabling the
output, declaring a fault, setting the SALRT pin, and setting the
PG pin. The output will not restart until the EN pin is cycled
(unless the device is configured to retry).
In addition, the ISL68124 features open pin sensing protection to
detect an open of the output voltage sensing circuit. This open
pin is detected as an OVP condition, which suspends the
controller operation.
Output Current Protection
The ISL68124 offers a comprehensive overcurrent protection
scheme. Each phase is protected from both excessive peak
current and sustained current. In addition, the system is
protected from sustained total output overcurrent.
Figure 18 depicts a block diagram of the system total output
current protection scheme. In this scheme, the phase currents
are summed to form ISUM. ISUM is then fed to dual response
paths allowing the user to program separate LPF, threshold, and
response time. One path is intended to allow response more
quickly than the other path. With this system, the user can allow
high peak total current for a short time and a lower level of
current for a sustained time. Note that neither of these paths
affect PWM activity on a cycle-by-cycle basis. The characteristics
of each path are easily set in PowerNavigator.
In addition to total output current, the ISL68124 provides an
individual phase peak current limit that will act on PWM in a
cycle-by-cycle manner. This means that if a phase current is
detected to exceed the OC threshold, the phase PWM signal will
be inverted to move current away from the threshold. In addition
to limiting positive or negative peak current on a cycle-by-cycle
basis, individual phase OC can be configured to limit current
indefinitely or to declare a fault after a programmable number of
consecutive OC cycles. This feature is useful for applications
where a fault shutdown of the system would not be acceptable,
but, some ability to limit phase currents is desired. Figures 21
and 22 depict this operation. If configured for indefinite current
limit, the converter will act as a current source and VOUT will not
remain at its regulation point. It should be noted that in this case,
VOUT OV or UV protection action may occur, which could shut the
regulator down.
FIGURE 17. OVP, UVP COMPARATORS
RGNDx
VSENx
ADC
IC
DIGITAL OV
COMPARATOR
THRESHOLD
REGISTER
+
-
DIGITAL UV
COMPARATOR
THRESHOLD
REGISTER
+
-
SoC
FIGURE 18. OCP FUNCTIONAL DIAGRAM
ISUM
TIMER
TO
FAULT
BLOCK
FILTER
COMPARE
TIMER
ACT
FILTER
FAST SUM OC
LIMIT
DELAY
TIMER
TO
FAULT
BLOCK
FILTER COMPARE
TIMER
ACT
FILTER
SLOW SUM OC
LIMIT
DELAY
TOTAL OUTPUT CURRENT FAULT
Switching
Period
Count
TO
FAULT
BLOCK
COMPARE
COUNT
ACT
+PEAK
LIMIT
OCCOUNT
fsw clk
-PEAK
LIMIT
Pulse by
pulse
limit
May be set
for indefinite
limiting but
no fault
assertion
Switching
Period
Count
TO
FAULT
BLOCK
COMPARE
COUNT
ACT
UCCOUNT
fsw clk
Pulse by
pulse
limit
PHASE PEAK CURRENT LIMITING AND FAULT
IPHASEn
NEGATIVE PEAK LIMITING
POSITIVE PEAK LIMITING
May be set
for indefinite
limiting but
no fault
assertion

PH1 Current
Synthesizer
PHn Current
Synthesizer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com