Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5012A Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5012A
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5012A Datasheet(HTML) 1 Page - Cirrus Logic

  CS5012A Datasheet HTML 1Page - Cirrus Logic CS5012A Datasheet HTML 2Page - Cirrus Logic CS5012A Datasheet HTML 3Page - Cirrus Logic CS5012A Datasheet HTML 4Page - Cirrus Logic CS5012A Datasheet HTML 5Page - Cirrus Logic CS5012A Datasheet HTML 6Page - Cirrus Logic CS5012A Datasheet HTML 7Page - Cirrus Logic CS5012A Datasheet HTML 8Page - Cirrus Logic CS5012A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS5012A CS5014 CS5016
16-, 14-, & 12-bit Self-calibrating A/D Converters
Features
Monolithic CMOS A/D Converters
– Microprocessor Compatible
– Parallel & Serial Output
– Inherent Track/Hold Input
True 12-bit, 14-bit, and 16-bit Precision
Conversion Times
– CS5016: 16.25
µs
– CS5014: 14.25
µs
– CS5012A: 7.20
µs
Linearity Error:
±0.001% FS
– Guaranteed No Missing Codes
Self-calibration Maintains Accuracy
– Accurate Over Time & Temperature
Low Power Consumption
–150 mW
Low Distortion
Description
The CS5012A/14/16 are 12-, 14-, and 16-bit mono-
lithic analog to digital converters with conversion
times of 7.2
µs, 14.25 µs and 16.25 µs. Unique self-
calibration circuitry ensures excellent linearity and
differential nonlinearity, with no missing codes. Off-
set and full-scale errors are kept within 1/2 LSB
(CS5012A/14) and 1 LSB (CS5016), eliminating the
need for calibration. Unipolar and bipolar input
ranges are digitally selectable.
The pin compatible CS5012A/14/16 consist of a
DAC, conversion and calibration microcontroller,
oscillator, comparator, microprocessor-compatible
3-state I/O, and calibration circuitry. The input
track-and-hold, inherent to the devices’ sampling
architecture, acquires the input signal after each
conversion using a fast-slewing, on-chip buffer am-
plifier. This allows throughput rates up to
100 kSps(CS5012A), 56 kSps (CS5014), and
50 kSps (CS5016).
ORDERING INFORMATION
See “Ordering Information” on page
39.
I
CLKIN
REFBUF
VREF
AIN
AGND
HOLD CS
RD
A0 BP/UP RST BW INTRLV CAL EOT EOC SCLK SDATA
D0 (LSB) CS5016
D1
D2 (LSB) CS5014
D3
D4 (LSB) CS5012A
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15 (MSB)
TST
DGND
VD-
VD+
VA-
VA+
1
24
2526
27
36
37
3839
41
4243
44
23
32
31
29
30
28
34
12
40
11
35
22
21
20
19
18
17
16
14
10
8
7
6
5
4
3
2
-
+
-
+
-
+
-
+
Clock
Generator
Control
Calibration
Microcontroller
Status Register
Comparator
Charge
Memory
Redistribution
DAC
AUG ‘05
DS14F9


Similar Part No. - CS5012A

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5012A CIRRUS-CS5012A Datasheet
397Kb / 46P
16, 14 & 12-Bit, Self-Calibrating A/D Converters
CS5012A-BL12 CIRRUS-CS5012A-BL12 Datasheet
397Kb / 46P
16, 14 & 12-Bit, Self-Calibrating A/D Converters
CS5012A-BL7 CIRRUS-CS5012A-BL7 Datasheet
397Kb / 46P
16, 14 & 12-Bit, Self-Calibrating A/D Converters
CS5012A-BP12 CIRRUS-CS5012A-BP12 Datasheet
397Kb / 46P
16, 14 & 12-Bit, Self-Calibrating A/D Converters
CS5012A-BP7 CIRRUS-CS5012A-BP7 Datasheet
397Kb / 46P
16, 14 & 12-Bit, Self-Calibrating A/D Converters
More results

Similar Description - CS5012A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12081 NSC-ADC12081 Datasheet
352Kb / 16P
12-Bit, 5 MHz Self-Calibrating, Pipelined A/D Converter
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
397Kb / 46P
16, 14 & 12-Bit, Self-Calibrating A/D Converters
logo
National Semiconductor ...
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com