Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5012A Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS5012A
Description  16,14 & 12-BIT SELF CALIBRATING A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5012A Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS5012A Datasheet HTML 28Page - Cirrus Logic CS5012A Datasheet HTML 29Page - Cirrus Logic CS5012A Datasheet HTML 30Page - Cirrus Logic CS5012A Datasheet HTML 31Page - Cirrus Logic CS5012A Datasheet HTML 32Page - Cirrus Logic CS5012A Datasheet HTML 33Page - Cirrus Logic CS5012A Datasheet HTML 34Page - Cirrus Logic CS5012A Datasheet HTML 35Page - Cirrus Logic CS5012A Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Figure 36. CS5012A/14/16 System Connection Diagram
29
31
32
34
28
30
12
11
40
VREF
AIN
REFBUF
VA-
AGND
VA+
VD+
DGND
VD-
+5V
-5V
10
Ω
10
Ω
Voltage
Reference
Reset
Generator
Data
Processor
Serial
Data
Interface
(optional)
Clock
Source
(optional)
Control
Logic
Mode
Select *
Analog
Supply
Source
Signal
Analog
Supply
Analog
TST
BW
RESET
A0
CAL
D0-D15
SCLK
SDATA
CLKIN
27
37
23
44
43
8 or 16
42
41
1
39
38
24
25
26
36
35
0.1
µF
0.01
µF
0.1
µF
0.1
µF
May be
microprocessor
or discrete logic.
0.1
µF
INTRLV
EOC
EOT
HOLD
BP/UP
RD
CS
0.1
µF
CS5012A
or
VREF
±VREF
0
10 µF
Signal
Conditioning
1000 pF
200
Ω
CS5014
CS5016
Unused Logic inputs should only
be connected to VD+ or DGND.
* BW and BP/UP should always
be terminated to VD+ or DGND,
For best dynamic
S/(N+D) performance.
or driven by a logic gate.
Function
RST
A0
CAL
Hold and Start Convert
Initiate Burst Calibration
Stop Burst Cal and Begin Track
Initiate Interleave Calibration
Terminate Interleave Cal
Read Output Data
Read Status Register
High Impedance Data Bus
High Impedance Data Bus
Reset
Reset
0
0
0
0
0
0
0
X
X
1
X
*
*
*
*
*
1
0
*
*
X
0
X
X
X
X
X
0
0
X
1
X
X
X
X
X
0
1
X
X
X
X
X
X
X
1
0
X
X
X
X
X
X
X
X
X
0
0
0
0
0
0
1
X
X
0
X
1
X
X
X
1
X
X
X
0
HOLD
CS
INTRLV
RD
Table 4. CS5012A/14/16 Truth Table
*
The status of A0 is not critical to the operation specified. However, A0 should not be low with
CS and HOLD low, or a software reset will result.
CS5012A, CS5014, CS5016
DS14F8
2-39
CS5012A CS5014 CS5016
32
DS14F9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com