| Electronic Components Datasheet Search |
|
CS5016 Datasheet(PDF) 12 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5016 Datasheet(HTML) 12 Page - Cirrus Logic |
|
12 / 40 page ![]() during conversion much like a hold capacitor in a sample/hold amplifier. The conversion consists of manipulating the free plates of the capacitor array to VREF and AGND to form a capacitive divider. Since the charge at the floating node remains fixed, the voltage at that point depends on the proportion of capaci- t ance ti ed to VR EF versus AGND. Th e successive-approximation algorithm is used to find the proportion of capacitance, termed D in Figure 2b, which when connected to the refer- ence will drive the voltage at the floating node (Vfn) to zero. That binary fraction of capacitance represents the converter’s digital output. This charge redistribution architecture easily sup- ports bipolar input ranges. If half the capacitor array (the MSB capacitor) is tied to VREF rather than AIN in the track mode, the input range is doubled and is offset half-scale. The magnitude of the reference voltage thus defines both positive and negative full-scale (-VREF to +VREF), and the digital code is an offset binary representation of the input. Calibration The ability of the CS5012A/14/16 to convert ac- curately clearly depends on the accuracy of their comparator and DAC. The CS5012A/14/16 util- ize an "auto-zeroing" scheme to null errors introduced by the comparator. All offsets are stored on the capacitor array while in the track mode and are effectively subtracted from the in- put signal when a conversion is initiated. Auto-zeroing enhances power supply rejection at frequencies well below the conversion rate. To achieve complete accuracy from the DAC, the CS5012A/14/16 use a novel self-calibration scheme. Each bit capacitor, shown in Figure 1, actually consists of several capacitors which can be manipulated to adjust the overall bit weight. An on-chip microcontroller adjusts the subarrays to precisely ratio the bits. Each bit is adjusted to just balance the sum of all less significant bits plus one dummy LSB (for example, 16C = 8C + 4C + 2C + C + C). Calibration resolution for the array is a small fraction of an LSB resulting in nearly ideal differential and integral linearity. DIGITAL CIRCUIT CONNECTIONS The CS5012A/14/16 can be applied in a wide va- riety of master clock, sampling, and calibration conditions which directly affect the devices’ con- version time and throughput. The devices also feature on-chip 3-state output buffers and a com- plete interface for connecting to 8-bit and 16-bit digital systems. Output data is also available in serial format. Master Clock The CS5012A/14/16 operate from a master clock (CLKIN) which can be externally supplied or in- ternally generated. The internal oscillator is activated by externally tying the CLKIN input low. Alternatively, the CS5012A/14/16 can be synchronized to the external system by driving the CLKIN pin with a TTL or CMOS clock sig- nal. CLKIN Master Clock (Optional) HOLD EOT CS5012A/14/16 Figure 3b. Synchronous Sampling CLKIN Master Clock (Optional) HOLD Sampling Clock CS5012A/14/16 Figure 3a. Asynchronous Sampling CS5012A, CS5014, CS5016 2-18 DS14F8 CS5012A CS5014 CS5016 12 DS14F9 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |