| Electronic Components Datasheet Search |
|
CS5016 Datasheet(PDF) 37 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5016 Datasheet(HTML) 37 Page - Cirrus Logic |
|
37 / 40 page ![]() PARAMETER DEFINITIONS Linearity Error The deviation of a code from a straight line passing through the endpoints of the transfer function after zero- and full-scale errors have been accounted for. "Zero-scale" is a point 1/2 LSB below the first code transition and "full-scale" is a point 1/2 LSB beyond the code transition to all ones. The deviation is measured from the middle of each particular code. Units in % Full-Scale. Differential Linearity Minimum resolution for which no missing codes is guaranteed. Units in bits. Full Scale Error The deviation of the last code transition from the ideal (VREF-3/2 LSB’s). Units in LSB’s. Unipolar Offset The deviation of the first code transition from the ideal (1/2 LSB above AGND) when in unipolar mode (BP/UP low). Units in LSB’s. Bipolar Offset The deviation of the mid-scale transition (011...111 to 100...000) from the ideal (1/2 LSB below AGND) when in bipolar mode (BP/UP high). Units in LSB’s. Bipolar Negative Full-Scale Error The deviation of the first code transition from the ideal when in bipolar mode (BP/UP high). The ideal is defined as lying on a straight line which passes through the final and mid-scale code transitions. Units in LSB’s. Peak Harmonic or Spurious Noise (More accurately, Signal to Peak Harmonic or Spurious Noise) The ratio of the rms value of the signal to the rms value of the next largest spectral component below the Nyquist rate (excepting dc). This component is often an aliased harmonic when the signal frequency is a significant proportion of the sampling rate. Expressed in decibels. Total Harmonic Distortion The ratio of the rms sum of all harmonics to the rms value of the signal. Units in percent. Signal-to-Noise Ratio The ratio of the rms value of the signal to the rms sum of all other spectral components below the Nyquist rate (excepting dc), including distortion components. Expressed in decibels. Aperture Time The time required after the hold command for the sampling switch to open fully. Effectively a sampling delay which can be nulled by advancing the sampling signal. Units in nanoseconds. Aperture Jitter The range of variation in the aperture time. Effectively the "sampling window" which ultimately dictates the maximum input signal slew rate acceptable for a given accuracy. Units in picoseconds. NOTE: Temperatures specified define ambient conditions in free-air during test and do not refer to the junction temperature of the device. CS5012A, CS5014, CS5016 2-44 DS14F8 CS5012A CS5014 CS5016 DS14F9 37 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |