Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P468NBQ Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P468NBQ
Description  8-BIT Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P468NBQ Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P468NBQ Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
EM78P468N
8-BIT Microcontroller
Product Specification (V1.2) 03.15.2005
• 17
(This specification is subject to change without further notice)
CPU Operation Mode
RESET
Code option
HLFS=1
Green Mode
fm:stop
fs:oscillation
CPU: using fs
Normal Mode
fs:oscillation
fm:oscillation
CPU: using fosc
IDLE Mode
fm:stop
CPU: stop
fs:oscillation
SLEEP M
Fm:stop
Fs: stop
CPU: stop
ode
IDLE
IDLE="0"
="1"
P
wakeup
SLE
SLEP
Wake up
CPUS="1"
CPUS="0"
Code option
HLFS=0
The w ake up time from idle to green
s 16*1/fs
mode i
The w ake up tim
approximately su
e from sleep to green mode is
b-oscillator setup time +18ms+16*1/fs
it must delay
oscillation stable w hile your system timing
control is conscienti
4.1.15
RE/IRCR (IR and PORT 5 Setting Control Register)
a little times for the main
ous
Fig. 5 CPU Operation Mode
(Address: 0Eh)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IRE
HF
LGP
--
IR
E
OUTE
TCCE
INT1
EINT0
Bit 7 (IRE):
Infrared Remote Enable bit
pin is determined
r PWM function.
n. IROUT
e time as determined by
ly. The counter 2 is an
independent auto reload timer.
HF = “1” :
For IR application mode, enable H/W modulator function, the low time
lated with the frequency Fcarrier. The
d.
LGP = “1” :
The high-pulse width timer register is ignored. So the IROUT
waveform is dependent on low-pulse width timer register only.
IRE = “0” :
Disable IR/PWM function. The state of P5.7/IROUT
by bit 7 of IOC 50 if it’s for IROUT.
IRE = “1” :
Enable IR o
Bit 6 (HF) :
High carry frequency.
HF = “0” :
For PWM application, disable H/W modulator functio
waveform is created according to high-pulse and low-puls
the high pulse and low pulse width timers respective
sections of the generated pulse is modu
frequency of Fcarrier provide by counter 2.
Bit 5 (LGP) :
IROUT for long time of low pulse.
LGP = “0” :
The high-pulse width timer register and low-pulse width timer is vali



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com