Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P468NBQ Datasheet(PDF) 39 Page - ELAN Microelectronics Corp

Part # EM78P468NBQ
Description  8-BIT Microcontroller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P468NBQ Datasheet(HTML) 39 Page - ELAN Microelectronics Corp

Back Button EM78P468NBQ Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P468NBQ Datasheet HTML 43Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
EM78P468N
8-BIT Microcontroller
Product Specification (V1.2) 03.15.2005
• 35
(This specification is subject to change without further notice)
4.6
lla
4.6
Table 3 Oscillator Modes as defined by FSMD, FMMD1, FMMD0.
Osci
tor
.1
Oscillator Modes
This LSI can operate in the three different oscillator modes from main oscillator (R-OSCI,
OSCO), such as RC oscillator with external resistor and Internal capacitor mode (ERIC);
crystal oscillator mode; and PLL operation mode (R-OSCI connected 0.01
μF capacitor to
Ground). User can select one of them by programming FMMD1 and FMMD0 in the
CODE options register. The sub-oscillator can be operated in crystal mode and ERIC
mode. Table 3 below shows how these three modes are defined.
FSMD
FMMD1
FMMD0
Main clock
Sub-clock
0
0
0
RC type (ERIC)
RC type (ERIC)
0
0
1
Crystal type
RC type (ERIC)
0
1
X
PLL type
RC type (ERIC)
1
0
0
RC type (ERIC)
Crystal type
1
0
1
Crystal type
al type
Cryst
1
1
stal type
X
PLL type
Cry
Table 4 Summary of maximum operating speeds
Conditions
VDD
Fxt max.(MHz)
2.3
4
3.0
8
Two clocks
5.0
10
4.6
W
L
req
ine
oscillator. We can
choose RD register to change high oscilla
ncy.
ion b
h
frequency (Fm) and
shown
able:
.2
Phase Lock Loop (PLL Mode)
hen operate on PL mode, the High f
uency determ
d by sub-
tor freque
The relat
etween hig
sub-oscillator is
as below t
Xout
Xin
XTAL
uF
1
R-OSCI
EM78P468N
0.01
C
C2
Circuit for PLL mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com