Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5525 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # EL5525
Description  18-Channel TFT-LCD Reference Voltage Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5525 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button EL5525 Datasheet HTML 2Page - Renesas Technology Corp EL5525 Datasheet HTML 3Page - Renesas Technology Corp EL5525 Datasheet HTML 4Page - Renesas Technology Corp EL5525 Datasheet HTML 5Page - Renesas Technology Corp EL5525 Datasheet HTML 6Page - Renesas Technology Corp EL5525 Datasheet HTML 7Page - Renesas Technology Corp EL5525 Datasheet HTML 8Page - Renesas Technology Corp EL5525 Datasheet HTML 9Page - Renesas Technology Corp EL5525 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
EL5525
FN7393 Rev 2.00
Page 6 of 10
September 21, 2010
Analog Section
Transfer Function
The transfer function is: shown in Equaion 1:
where data is the decimal value of the 10-bit data binary
input code.
The output voltages from the EL5525 will be derived from
the reference voltages present at the VREFL and VREFH
pins. The impedance between those two pins is about 32k
.
Care should be taken that the system design holds these two
reference voltages within the limits of the power rails of the
EL5525. GND < VREFH  VS and GND  VREFL  VREFH.
Clock Oscillator
The EL5525 requires an internal clock or external clock to
refresh its outputs. The outputs are refreshed at the falling OSC
clock edges. The output refreshed switches open at the rising
edges of the OSC clock. The driving load shouldn’t be changed
at the rising edges of the OSC clock. Otherwise, it will generate
a voltage error at the outputs. This clock may be input or output
via the clock pin labeled EXT_OSC. The internal clock is
provided by an internal oscillator running at approximately
21kHz and can be output to the EXT_OSC pin. In a 2 chip
system, if the driving loads are stable, one chip may be
programmed to use the internal oscillator; then the OSC pin will
output the clock from the internal oscillator. The second chip
may have the OSC pin connected to this clock source.
For transient load application, the external clock Mode
should be used to ensure all functions are synchronized
together. The positive edge of the external clock to the OSC
pin should be timed to avoid the transient load effect. The
Application Drawing shows the LCD H rate signal used, here
the positive clock edge is timed to avoid the transient load of
the column driver circuits.
After power on, the chip will start with the internal oscillator
mode. At this time, the EXT_OSC pin will be in a high
impedance condition to prevent contention. By setting pin 10
to high, the chip is on external clock mode. Setting pin 10 to
low, the chip is on internal clock mode.
TABLE 2. SERIAL TIMING PARAMETERS
PARAMETER
RECOMMENDED OPERATING RANGE
DESCRIPTION
T
200ns
Clock Period
tr/tf
0.05 * T
Clock Rise/Fall Time
tHE
10ns
ENA Hold Time
tSE
10ns
ENA Setup Time
tHD
10ns
Data Hold Time
tSD
10ns
Data Setup Time
tW
0.50 * T
Clock Pulse Width
TABLE 3. SERIAL PROGRAMMING EXAMPLES
Control
Channel Address
Data
Condition
C1
A4
A3
A2
A1
A0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
00
000
0000
000
00
Channel A, Value = 0
0
0
00
001
1111
111
11
Channel A, Value = 1023
0
0
00
001
0000
000
00
Channel A, Value = 512
0
0
00
111
0000
000
01
Channel C, Value = 513
0
0
01
110
0000
111
11
Channel H, Value = 31
0
1
00
010
0000
111
11
Channel R, Value = 31
VOUT IDEAL
VREFL
=
data
1024
-------------
VREFH - VREFL

+
(EQ. 1)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com