Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5525 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # EL5525
Description  18-Channel TFT-LCD Reference Voltage Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5525 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button EL5525 Datasheet HTML 2Page - Renesas Technology Corp EL5525 Datasheet HTML 3Page - Renesas Technology Corp EL5525 Datasheet HTML 4Page - Renesas Technology Corp EL5525 Datasheet HTML 5Page - Renesas Technology Corp EL5525 Datasheet HTML 6Page - Renesas Technology Corp EL5525 Datasheet HTML 7Page - Renesas Technology Corp EL5525 Datasheet HTML 8Page - Renesas Technology Corp EL5525 Datasheet HTML 9Page - Renesas Technology Corp EL5525 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
FN7393 Rev 2.00
Page 9 of 10
September 21, 2010
EL5525
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2004-2010. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
By setting the two PDMAX equations equal to each other, we
can solve for the RLOADs to avoid the device overheat. The
package power dissipation curves provide a convenient way
to see if the device will overheat.
THERMAL SHUTDOWN
The EL5525 has an internal thermal shutdown circuitry that
prevents overheating of the part. When the junction
temperature goes up to about +150°C, the part will be
disabled. When the junction temperature drops down to
about +120°C, the part will be enabled. With this feature, any
short circuit at the outputs will enable the thermal shutdown
circuitry to disable the part.
POWER SUPPLY BYPASSING AND PRINTED CIRCUIT
BOARD LAYOUT
Good printed circuit board layout is necessary for optimum
performance. A low impedance and clean analog ground
plane should be used for the EL5525. The traces from the
two ground pins to the ground plane must be very short. The
thermal pad of the EL5525 should be connected to the
analog ground plane. Lead length should be as short as
possible and all power supply pins must be well bypassed. A
0.1µF ceramic capacitor must be place very close to the VS,
VREFH, VREFL, and CAP pins. A 4.7µF local bypass
tantalum capacitor should be placed to the VS, VREFH, and
VREFL pins.
Application Drawing
REFH
VS
VSD
SDI
ENA
OSC
CAP
REFL
OUTA
OUTB
OUTC
OUTD
OUTE
OUTF
OUTQ
OUTR
MICROCONTROLLER
COLUMN
(SOURCE)
DRIVER
0.1µF
0.1µF
0.1µF
0.1µF
HIGH REFERENCE
VOLTAGE
+10V
+12V
+5V
EL5525
LCD PANEL
GND
HORIZONTAL RATE
LCD
TIMING
CONTROLLER
SCK
SDO
0.1µF
OSC_SET
+1V
5V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com