Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBD50IM2V7PC Datasheet(PDF) 2 Page - IXYS Corporation

Part # DBD50IM2V7PC
Description  Diristor Overcharge protection device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DBD50IM2V7PC Datasheet(HTML) 2 Page - IXYS Corporation

  DBD50IM2V7PC Datasheet HTML 1Page - IXYS Corporation DBD50IM2V7PC Datasheet HTML 2Page - IXYS Corporation DBD50IM2V7PC Datasheet HTML 3Page - IXYS Corporation DBD50IM2V7PC Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© 2013 IXYS All rights reserved
2 - 2
20130701
DBD50IM2V7PC
IXYS reserves the right to change limits, test conditions and dimensions.
advanced
Symbol
Definition
Conditions
Characteristic Values
min.
typ. max.
V
on
turn-on voltage
forward direction
reverse direction
T
VJ = 25°C
2.3
2.3
2.7
2.7
3.2
3.2
V
V
forward direction
reverse direction
T
VJ = 70°C
1.7
1.7
2.1
2.1
2.6
2.6
V
V
V
OS
on-state voltage
I
T = +50 A
I
T = -50 A
T
VJ = 25-70°C
1.6
1.6
V
V
I
LC
off-state leakage current
V
D = 1.6 V
V
D = -1.6 V
T
VJ = 25°C
400
-400
mA
mA
V
D = 1.6 V
V
D = -1.6 V
T
VJ = 70°C
300
-300
mA
mA
V
T0
r
T
threshold voltage
slope resistance
for power loss calculation only
T
VJ = 70°C
1.1
11
V
mΩ
-3
-2
-1
0
1
2
3
-3
-2
-1
0
1
2
3
Vt (V)
0
20
40
60
80
0
1
2
3
Vt (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com