Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBD50IM2V7PC Datasheet(PDF) 3 Page - IXYS Corporation

Part # DBD50IM2V7PC
Description  Diristor Overcharge protection device
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DBD50IM2V7PC Datasheet(HTML) 3 Page - IXYS Corporation

  DBD50IM2V7PC Datasheet HTML 1Page - IXYS Corporation DBD50IM2V7PC Datasheet HTML 2Page - IXYS Corporation DBD50IM2V7PC Datasheet HTML 3Page - IXYS Corporation DBD50IM2V7PC Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2013 IXYS All rights reserved
3 - 2
20130701
DBD50IM2V7PC
IXYS reserves the right to change limits, test conditions and dimensions.
advanced
Package SMPD
Ratings
Symbol
Definitions
Conditions
min.
typ.
max.
I
RMS
RMS current
per terminal
35
A
T
stg
storage temperature
-55
150
°C
T
VJ
virtual junction temperature
-40
150
°C
Weight
1.5
g
F
C
mounting force with clip
20
60
N
d
Spp/App
d
Spb/Apb
creepage distance on surface
striking distance through air
terminal to terminal
4.2
mm
terminal to backside
4.7
mm
Product Marking
Date Code
Part No.
Logo
Assembly Code
XXXXXXXXX
IXYS Zyyww
000000
Assembly Line
Part number
DBD = Diristor
50 = Current Rating [A]
IM = Parallel legs
2V7 = Reverse Voltage [V]
PC = TO-263AB (D2Pak)
Ordering
Part Name
Marking on Product Delivering Mode Base Qty Ordering Code
Standard
DBD50IM2V7PC
DBD50IM2V7PC
Tape&Reel
800



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com