Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6006 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP6006
Description  Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6006 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP6006 Datasheet HTML 1Page - Renesas Technology Corp HIP6006 Datasheet HTML 2Page - Renesas Technology Corp HIP6006 Datasheet HTML 3Page - Renesas Technology Corp HIP6006 Datasheet HTML 4Page - Renesas Technology Corp HIP6006 Datasheet HTML 5Page - Renesas Technology Corp HIP6006 Datasheet HTML 6Page - Renesas Technology Corp HIP6006 Datasheet HTML 7Page - Renesas Technology Corp HIP6006 Datasheet HTML 8Page - Renesas Technology Corp HIP6006 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
HIP6006
FN4306 Rev.3.00
Page 4 of 12
April 1, 2005
Functional Pin Description
RT (Pin 1)
This pin provides oscillator switching frequency adjustment. By
placing a resistor (RT) from this pin to GND, the nominal
200kHz switching frequency is increased according to the
following equation:
Conversely, connecting a pull-up resistor (RT) from this pin to
VCC reduces the switching frequency according to the
following equation.:
OCSET (Pin 2)
Connect a resistor (ROCSET) from this pin to the drain of the
upper MOSFET. ROCSET, an internal 200A current source
(IOCS), and the upper MOSFET on-resistance (rDS(ON)) set
the converter over-current (OC) trip point according to the
following equation:
An over-current trip cycles the soft-start function.
SS (Pin 3)
Connect a capacitor from this pin to ground. This capacitor,
along with an internal 10
A current source, sets the soft-start
interval of the converter.
COMP (Pin 4) and FB (Pin 5)
COMP and FB are the available external pins of the error
amplifier. The FB pin is the inverting input of the error amplifier
and the COMP pin is the error amplifier output. These pins are
used to compensate the voltage-control feedback loop of the
converter.
EN (Pin 6)
This pin is the open-collector enable pin. Pull this pin below 1V
to disable the converter. In shutdown, the soft start pin is
discharged and the UGATE and LGATE pins are held low.
GND (Pin 7)
Signal ground for the IC. All voltage levels are measured with
respect to this pin.
PHASE (Pin 8)
Connect the PHASE pin to the upper MOSFET source. This
pin is used to monitor the voltage drop across the MOSFET for
over-current protection. This pin also provides the return path
for the upper gate drive.
UGATE (Pin 9)
Connect UGATE to the upper MOSFET gate. This pin provides
the gate drive for the upper MOSFET.
BOOT (Pin 10)
This pin provides bias voltage to the upper MOSFET driver. A
bootstrap circuit may be used to create a BOOT voltage
suitable to drive a standard N-Channel MOSFET.
PGND (Pin 11)
This is the power ground connection. Tie the lower MOSFET
source to this pin.
Typical Performance Curves
FIGURE 1. RT RESISTANCE vs FREQUENCY
FIGURE 2. BIAS SUPPLY CURRENT vs FREQUENCY
10
100
1000
SWITCHING FREQUENCY (kHz)
10
100
1000
RT PULLUP
TO +12V
RT PULLDOWN
TO VSS
100
200
300
400
500
600
700
800
900 1000
80
70
60
50
40
30
20
10
0
SWITCHING FREQUENCY (kHz)
CGATE = 1000pF
CGATE = 3300pF
CGATE = 10pF
8
9
10
11
12
13
14
7
6
5
4
3
2
1
OCSET
SS
EN
COMP
FB
RT
VCC
LGATE
PGND
BOOT
UGATE
PHASE
GND
PVCC
Fs 200kHz
510
6
RT k

---------------------
+
(RT to GND)
Fs 200kHz
410
7
RT k

---------------------
–
(RT to 12V)
IPEAK
IOCS ROCSET
rDS ON

--------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com