Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6006 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP6006
Description  Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6006 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP6006 Datasheet HTML 4Page - Renesas Technology Corp HIP6006 Datasheet HTML 5Page - Renesas Technology Corp HIP6006 Datasheet HTML 6Page - Renesas Technology Corp HIP6006 Datasheet HTML 7Page - Renesas Technology Corp HIP6006 Datasheet HTML 8Page - Renesas Technology Corp HIP6006 Datasheet HTML 9Page - Renesas Technology Corp HIP6006 Datasheet HTML 10Page - Renesas Technology Corp HIP6006 Datasheet HTML 11Page - Renesas Technology Corp HIP6006 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HIP6006
FN4306 Rev.3.00
Page 10 of 12
April 1, 2005
HIP6006 DC-DC Converter Application Circuit
The figure below shows an application circuit of a DC-DC
Converter for a microprocessor application. Detailed
information on the circuit, including a complete Bill-of-Materials
and circuit board description, can be found in application note
AN9722. See Intersil’s home page on the web:
www.intersil.com.
HIP6006
RT
FB
COMP
SS
REF
-
+
GND
+
-
OSC
VCC
VIN
C1-3
L1
C6-9
0.1
F
2x 1
F
0.1
F
1
F
15k
1k
3x 680
F
4x 1000
F
UGATE
OCSET
PHASE
BOOT
SPARE
CR1
Q1
3.01k
1000pF
CR2
C13
R1
R3
R4
C15
R5
C14
C12
C17-18
C19
R6
C20
4148
U1
RTN
12VCC
14
2
10
9
8
7
4
5
1
3
SPARE
PGND
LGATE
12
11
PVCC
13
JP1
Q2
1206
1206
MBR
340
VOUT
RTN
ENABLE
R2
1k
COMP
TP1
PHASE
TP2
6
R7
10k
MONITOR AND
PROTECTION
+
-
+
-
C16
0.01
F
33pF
SPARE
Component Selection Notes:
C1-C3 - 3 each 680
F 25W VDC, Sanyo MV-GX or equivalent
C6-C9 - 4 each 1000
F 6.3W VDC, Sanyo MV-GX or equivalent
L1 - Core: Micrometals T50-52B; Winding: 10 Turns of 17AWG
CR1 - 1N4148 or equivalent
CR2 - 3A, 40V Schottky, Motorola MBR340 or equivalent
Q1, Q2 - Intersil MOSFET; RFP25N05
FIGURE 11. DC-DC CONVERTER APPLICATION CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com