Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5729/2IN Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL5729/2IN
Description  Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5729/2IN Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL5729/2IN Datasheet HTML 4Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 5Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 6Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 7Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 8Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 9Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 10Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 11Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
ISL5729
FN6019 Rev 1.00
Page 8 of 13
February 2002
Typical Performance (+3.3V Supply, Using Figure 13 with RDIFF = 100 and RLOAD = 50)
FIGURE 1. EDGE AT 11MHz, 78MSPS CLOCK
(83+dBc @
f = +6MHz)
FIGURE 2. EDGE AT 11MHz, 78MSPS CLOCK
(75dBc -NYQUIST, 6dB PAD)
FIGURE 3. GSM AT 11MHz, 78MSPS CLOCK
(86+dBc @
f = +6MHz, 3dB PAD)
FIGURE 4. GSM AT 11MHz, 78MSPS CLOCK
(78dBc - NYQUIST, 9dB PAD)
FIGURE 5. FOUR EDGE CARRIERS AT 12.4–15.6MHz,
800kHz SPACING, 78MSPS (67dBc - 20MHz
WINDOW)
FIGURE 6. FOUR GSM CARRIERS AT 12.4–15.6MHz,
78MSPS (71dBc - 20MHz WINDOW, 6dB PAD)
SPECTRAL MASK FOR
GSM900/DCS1800/PCS1900
P>43dBm NORMAL BTS
WITH 30kHz RBW
SPECTRAL MASK FOR
GSM900/DCS1800/PCS1900
P>43dBm NORMAL BTS
WITH 30kHz RBW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com