Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5729/2IN Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL5729/2IN
Description  Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5729/2IN Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL5729/2IN Datasheet HTML 5Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 6Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 7Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 8Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 9Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 10Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 11Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 12Page - Renesas Technology Corp ISL5729/2IN Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
FN6019 Rev 1.00
Page 13 of 13
February 2002
ISL5729
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2002. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Thin Plastic Quad Flatpack Packages (LQFP)
D
D1
E E1
-A-
PIN 1
A2 A1
A
11o-13o
11o-13o
0o-7o
0.020
0.008 MIN
L
0o MIN
PLANE
b
0.004/0.008
0.09/0.20
WITH PLATING
BASE METAL
SEATING
0.004/0.006
0.09/0.16
b1
-B-
e
0.003
0.08
A-B
S
D
S
C
M
0.08
0.003
-C-
-D-
-H-
0.25
0.010
GAGE
PLANE
Q48.7x7A (JEDEC MS-026BBC ISSUE B)
48 LEAD THIN PLASTIC QUAD FLATPACK PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
-
0.062
-
1.60
-
A1
0.002
0.005
0.05
0.15
-
A2
0.054
0.057
1.35
1.45
-
b
0.007
0.010
0.17
0.27
6
b1
0.007
0.009
0.17
0.23
-
D
0.350
0.358
8.90
9.10
3
D1
0.272
0.280
6.90
7.10
4, 5
E
0.350
0.358
8.90
9.10
3
E1
0.272
0.280
6.90
7.10
4, 5
L
0.018
0.029
0.45
0.75
-
N48
48
7
e
0.020 BSC
0.50 BSC
-
Rev. 2 1/99
NOTES:
1. Controlling dimension: MILLIMETER. Converted inch
dimensions are not necessarily exact.
2. All dimensions and tolerances per ANSI Y14.5M-1982.
3. Dimensions D and E to be determined at seating plane
.
4. Dimensions D1 and E1 to be determined at datum plane
.
5. Dimensions D1 and E1 do not include mold protrusion.
Allowable protrusion is 0.25mm (0.010 inch) per side.
6. Dimension b does not include dambar protrusion. Allowable
dambar protrusion shall not cause the lead width to exceed
the maximum b dimension by more than 0.08mm (0.003
inch).
7. “N” is the number of terminal positions.
-C-
-H-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com