Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6509ATT Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA6509ATT
Description  3-band mixer/oscillator and PLL for terrestrial tuners
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6509ATT Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA6509ATT Datasheet HTML 9Page - NXP Semiconductors TDA6509ATT Datasheet HTML 10Page - NXP Semiconductors TDA6509ATT Datasheet HTML 11Page - NXP Semiconductors TDA6509ATT Datasheet HTML 12Page - NXP Semiconductors TDA6509ATT Datasheet HTML 13Page - NXP Semiconductors TDA6509ATT Datasheet HTML 14Page - NXP Semiconductors TDA6509ATT Datasheet HTML 15Page - NXP Semiconductors TDA6509ATT Datasheet HTML 16Page - NXP Semiconductors TDA6509ATT Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
2005 Mar 25
13
Philips Semiconductors
Product specification
3-band mixer/oscillator and PLL for
terrestrial tuners
TDA6508; TDA6508A;
TDA6509; TDA6509A
11 THERMAL CHARACTERISTICS
Note
1. JEDEC conditions apply to single layer PCB.
12 CHARACTERISTICS
VCC =5V, Tamb =25 °C; TDA6508 and TDA6509 values measured with RL = 1.25 kΩ and TDA6508A and TDA6509A
values measured with RL =75 Ω; Weak signal booster off; measured using the PAL application circuit shown in
Figure 27; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
TYP.
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air - SOT487-5(1)
115
K/W
in free air - SOT487-4(1)
125
K/W
in free air - SOT617-1
31
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCC
supply voltage
4.5
5.0
5.5
V
ICC
supply current
at VCC = 5 V; all ports off
43
58
74
mA
FUNCTIONAL RANGE
VPOR
power-on reset supply
voltage
power-on reset activates below this
voltage
−
3.2
−
V
N
divider ratio
15-bit frequency word
64
−
32767
−
fxtal
crystal oscillator frequency
Rxtal =25 Ω to 300 Ω
3.58
4.0
4.43
MHz
Zxtal
input impedance
(absolute value)
fxtal = 4 MHz
1000
1200
−Ω
PMOS PORTS: PINS P0, P1, P2, P3, P4
IL(Pn)
leakage current
VCC = 5.5 V; VPn = 0 V or 5.5 V
−10
−+120
µA
VPn(sat)
output saturation voltage
VPn(sat) =VCC − VPn
one buffer output is on and
sourcing 5 mA
−
0.25
0.4
V
one buffer output is on and
sourcing 20 mA
−
0.25
0.4
V
ADC INPUT: PIN ADC (IN I2C BUS MODE)
VADC
ADC input voltage
see Table 8
0
−
VCC
V
IADC(H)
HIGH level input current
VADC =VCC
−−
100
µA
IADC(L)
LOW level input current
VADC =0V
−10
−−µA
ADDRESS SELECTION INPUT
: PIN AS
IAS(H)
HIGH level input current
VAS =5V
−−
10
µA
IAS(L)
LOW level input current
VAS =0V
−10
−−µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com