Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6509ATT Datasheet(PDF) 17 Page - NXP Semiconductors

Part # TDA6509ATT
Description  3-band mixer/oscillator and PLL for terrestrial tuners
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6509ATT Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button TDA6509ATT Datasheet HTML 13Page - NXP Semiconductors TDA6509ATT Datasheet HTML 14Page - NXP Semiconductors TDA6509ATT Datasheet HTML 15Page - NXP Semiconductors TDA6509ATT Datasheet HTML 16Page - NXP Semiconductors TDA6509ATT Datasheet HTML 17Page - NXP Semiconductors TDA6509ATT Datasheet HTML 18Page - NXP Semiconductors TDA6509ATT Datasheet HTML 19Page - NXP Semiconductors TDA6509ATT Datasheet HTML 20Page - NXP Semiconductors TDA6509ATT Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
2005 Mar 25
17
Philips Semiconductors
Product specification
3-band mixer/oscillator and PLL for
terrestrial tuners
TDA6508; TDA6508A;
TDA6509; TDA6509A
HIGH MIXER (INCLUDING IF PREAMPLIFIER)
fO(RF)
RF operational frequency
200
900
MHz
fRF
RF frequency
fpc; note 1
439.25
−
863.25
MHz
Gv
voltage gain
TDA6508; TDA6509; IF output
loaded with 1.25 k
Ω
fRF = 442 MHz; see Fig.21
33
36
39
dB
fRF = 866 MHz; see Fig.21
33
36
39
dB
TDA6508A; TDA6509A; IF output
loaded with 75
Ω
fRF = 442 MHz; see Fig.22
29
32
35
dB
fRF = 866 MHz; see Fig.22
29
32
35
dB
NF
noise figure (not corrected
for image)
fRF = 439.25 MHz; see Fig.23
−
79dB
fRF = 863.25 MHz; see Fig.23
−
79dB
Vo
output voltage (causing 1%
cross-modulation in channel)
TDA6508; TDA6509
fRF = 439.25 MHz; Fig.25
114
117
−
dB
µV
fRF = 863.25 MHz; Fig.25
114
117
−
dB
µV
TDA6508A; TDA6509A
fRF = 439.25 MHz; Fig.26
106
109
−
dB
µV
fRF = 863.25 MHz; Fig.26
106
109
−
dB
µV
Vi
input voltage (causing
pulling in channel at 750 Hz)
fRF = 863.25 MHz; note 2
−
75
−
dB
µV
Zi
input impedance (RS + jωLS)RS at fRF = 439.25 MHz
−
28
−Ω
RS at fRF = 863.25 MHz
−
34
−Ω
LS at fRF = 439.25 MHz
−
8
−
nH
LS at fRF = 863.25 MHz
−
8
−
nH
HIGH OSCILLATOR
fosc(o)
oscillator operational
frequency
300
1000
MHz
fosc
oscillator frequency
note 3
478.15
−
902.15
MHz
∆fosc(V)
oscillator frequency variation
with supply voltage
∆VCC = 5%; note 4
−
40
−
kHz
∆VCC = 10%; note 4
−
80
−
kHz
∆fosc(T)
oscillator frequency variation
with temperature
∆T= ±25 °C; with compensation;
note 5
−
2700
−
kHz
∆T=35 °C; without compensation;
note 5
−
4100
−
kHz
Φosc
phase noise, carrier-to-noise
sideband
worst case in the frequency range
±100 kHz frequency offset
−−105
−102
dBc/Hz
±10 kHz frequency offset
−−85
−82
dBc/Hz
RSC(p-p)
ripple susceptibility of VCC
(peak-to-peak value)
4.75 V <VCC <5.25 V; worst case in
the frequency range; ripple
frequency 500 kHz; note 6
15
50
−
mV
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com