Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68147IRAZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL68147IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68147IRAZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL68147IRAZ Datasheet HTML 1Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
ISL68147
FN8880 Rev.2.00
Page 3 of 47
Jul 14, 2017
Pin Configuration
ISL68147
(48 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS COMPLIANT)
PKG.
DWG. #
ISL68147IRAZ
ISL68147 IRZ
-40 to +85
48 Ld 6x6 QFN
L48.6x6B
NOTES:
1. Add “-T” suffix for 4k unit or “-T7A” suffix for 250 unit tape and reel options. Refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), see the product information page for ISL68147. For more information on MSL, see TB363.
TABLE 1. KEY DIFFERENCES BETWEEN FAMILY OF PARTS
PART NUMBER
PHASE CONFIGURATION
OUTPUT X/OUTPUT Y
SPECIFICATION SUPPORTED
PACKAGE
ISL68147
X+Y ≤ 7
Cavium Thunder X2, PMBus
QFN 48 Ld, 6x6mm
ISL68144
X+Y ≤ 4
PMBus
TQFN 40 Ld, 5x5mm
ISL68137
X+Y ≤ 7
PMBus/AVSBus
QFN 48 Ld, 6x6mm
ISL68134
X+Y ≤ 4
PMBus/AVSBus
TQFN 40 Ld, 5x5mm
ISL68127
X+Y ≤ 7
PMBus
QFN 48 Ld, 6x6mm
ISL68124
X+Y ≤ 4
PMBus
TQFN 40 Ld, 5x5mm
12
1
2
3
4
5
6
7
8
9
10
36
35
34
33
32
31
13
14
15
16
17
18
19
20
40
39
38
37
CSRTN1
CS2
CSRTN2
CS3
CS4
CSRTN4
PWM3
PWM2
EPAD
11
21
22
23
24
CS5
PWM1
PWM0
GND
CSRTN5
GND
PWM4
DNC
CSRTN3
CS1
PWM5
30
29
28
27
26
25
41
42
43
44
45
46
47
48
DNC
DNC
CS6
CSRTN6
PWM6
(GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com