Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL68147IRAZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ISL68147IRAZ
Description  Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus for Cavium
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68147IRAZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ISL68147IRAZ Datasheet HTML 12Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 13Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 14Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 15Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 16Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 17Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 18Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 19Page - Renesas Technology Corp ISL68147IRAZ Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
ISL68147
FN8880 Rev.2.00
Page 16 of 47
Jul 14, 2017
Voltage Regulation
Output voltage is sensed through the remote sense differential
amplifier and digitized. From this point, the regulation loop is
entirely digital. Traditional PID controls are used in conjunction
with several enhanced methods to compensate the voltage
regulation loop and tune the transient response.
Current Feedback
Current feedback in a voltage regulator is often used to ease the
stability design of the voltage feedback path. Additionally, many
microprocessors require the voltage regulator to have a
controlled output resistance (known as load line or droop
regulation) and this is accomplished using current feedback.
For applications requiring droop regulation, the designer simply
specifies the output resistance desired using PowerNavigator.
Current feedback stability benefits are available for rails that do
not specify droop regulation such as system agent. For these
applications, the designer can enable AC current feedback in
PowerNavigator. With this configuration, the DC output voltage
will be steady regardless of load current.
Power-On Reset (POR)
Initialization of the ISL68147 begins after VCC crosses its rising
POR threshold. When POR conditions are met, the internal 1.2V
LDO is enabled and basic digital subsystem integrity checks
begin. During this process, the controller will load the selected
user configuration from NVM as indicated by the CONFIG pin
resistor value, read VIN UVLO thresholds from memory, and start
the telemetry subsystem. With telemetry enabled, VIN can be
monitored to determine when it exceeds its user-programmable,
rising UVLO threshold. After VCC and VIN satisfy their respective
voltage conditions, the controller is in its shutdown state. It will
transition to its active state and begin soft-start when the state of
EN0/EN1 command is at start-up. While in shutdown mode, the
PWM outputs are held in a high-impedance state to ensure the
drivers remain off.
Soft-Start Delay and Ramp Times
It might be necessary to set a delay from when an enable signal
is received until the output voltage starts to ramp to its target
value. In addition, the designer might want to precisely set the
time required for an output to ramp to its target value after the
delay period has expired. These features can be used as part of
an overall inrush current management strategy or to precisely
control how fast a load IC is turned on. The ISL68147 gives the
system designer several options for precisely and independently
controlling both the delay and ramp time periods. The soft-start
delay period begins when the EN pin is asserted and ends when
the delay time expires.
The soft-start delay and ramp-up/down times can be configured
through PowerNavigator. The device needs approximately 200µs
after enable to initialize before starting to ramp up. When the
soft-start ramp period is set to 0ms, the output ramps up as
quickly as the output load capacitance and loop settings allow. It
is recommended to set the ramps to a non-zero value to prevent
inadvertent fault conditions due to excessive inrush current.
Stored Configuration Selection
As many as eight configurations can be stored and used at any
time using the on-board nonvolatile memory. Configurations are
assigned an identifier number between 0 and 7 at power-up. The
device will load the configuration indicated by the 1% resistor
value detected on the CONFIG pin. Resistor values are used to
indicate use of one of the eight possible configurations. Table 3
provides the resistor value corresponding to each configuration
identifier.
Only the most recent configuration with a given number can be
loaded. The device supports a total of eight stored operations. As
an example, a configuration with the identifier 0 could be saved
eight times or configurations with all eight identifiers could be
stored one time each for a total of eight save operations.
PowerNavigator provides a simple interface to save and load
configurations.
Fault Monitoring and Protection
The ISL68147 actively monitors temperature, input voltage,
output voltage, and output current to detect and report fault
conditions. Fault monitors trigger configurable protective
measures to prevent damage to a load. The power-good
indicators, PG0/PG1, are provided for linking to external system
monitors.
A high level of flexibility is provided in the ISL68147 fault logic.
Faults can be enabled or disabled individually. Each fault type
can also be configured to either latch off or retry indefinitely.
FIGURE 17. INPUT VOLTAGE SENSE CONFIGURATION
ADC
VINSEN
IC
40.2k
VIN
10k
10nF
TABLE 3. RESISTOR VALUES TO CONFIGURATION MAPPING
R CONFIG
(Ω)
CONFIG
ID
6800
0
1800
1
2200
2
2700
3
3300
4
3900
5
4700
6
5600
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com