Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7902121 Datasheet(PDF) 2 Page - SICK AG

Part # 7902121
Description  INDUCTIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

7902121 Datasheet(HTML) 2 Page - SICK AG

  7902121 Datasheet HTML 1Page - SICK AG 7902121 Datasheet HTML 2Page - SICK AG 7902121 Datasheet HTML 3Page - SICK AG 7902121 Datasheet HTML 4Page - SICK AG 7902121 Datasheet HTML 5Page - SICK AG 7902121 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IM12-04NAO-ZU0 | IM AC
INDUCTIVE PROXIMITY SENSORS
Illustration may differ
Ordering information
Type
Part no.
IM12-04NAO-ZU0
7902121
Other models and accessories
www.sick.com/IM_AC
Detailed technical data
Features
Housing
Cylindrical thread design
Housing
Standard
Thread size
M12
1
Diameter
Ø 12 mm
Sensing range Sn
4 mm
Safe sensing range Sa
3.24 mm
Installation type
Non-flush
Switching frequency
25 Hz
Connection type
Cable, 2-wire, 2 m
Output function
NC
Electrical wiring
AC 2-wire
Enclosure rating
IP67 1)
1) According to EN 60529.
Mechanics/electronics
Supply voltage
20 V AC ... 250 V AC
Voltage drop
≤ 8.5 V 1)
Time delay before availability
≤ 10 ms
Hysteresis
1 % ... 15 %
Reproducibility
≤ 10 % 2) 3)
Temperature drift (of Sr)
± 10 %
EMC
According to EN 60947-5-2
1) At Ia max.
2) Ub and Ta constant.
3) Of Sr.
4) 50 °C.
5) 80 °C.
6) 20 ms / 0.5 Hz.
7) Miniature fuse to IEC 60217-2 Sheet 1, ≤ 2 A (quick-blow).
2
PROXIMITY SENSORS | SICK
Online data sheet | 2018-05-22 15:57:17
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com