Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7902121 Datasheet(PDF) 3 Page - SICK AG

Part # 7902121
Description  INDUCTIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

7902121 Datasheet(HTML) 3 Page - SICK AG

  7902121 Datasheet HTML 1Page - SICK AG 7902121 Datasheet HTML 2Page - SICK AG 7902121 Datasheet HTML 3Page - SICK AG 7902121 Datasheet HTML 4Page - SICK AG 7902121 Datasheet HTML 5Page - SICK AG 7902121 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IM12-04NAO-ZU0 | IM AC
INDUCTIVE PROXIMITY SENSORS
As per EN 55011, class B
Continuous current Ia
≤ 250 mA 4)
≤ 200 mA 5)
Off-state current
≤ 3 mA (AC 250 V)
≤ 1.5 mA (AC 120 V)
Minimum load current
≥ 8 mA
Short-time withstand current
0.9 A 6)
Cable material
PUR/PVC
Conductor size
0.5 mm²
Short-circuit protection
– 7)
Power-up pulse protection
✔
Shock and vibration resistance
30 g, 11 ms / 10 ... 55 Hz, 1 mm
Ambient operating temperature
–25 °C ... +80 °C
Housing material
Metal, Nickel-plated brass
Sensing face material
Plastic, Plastic
Housing length
71 mm
Thread length
46 mm
Tightening torque, max.
≤ 7 Nm
Protection class
I
1) At Ia max.
2) Ub and Ta constant.
3) Of Sr.
4) 50 °C.
5) 80 °C.
6) 20 ms / 0.5 Hz.
7) Miniature fuse to IEC 60217-2 Sheet 1, ≤ 2 A (quick-blow).
Reduction factors
Note
The values are reference values which may vary
Stainless steel (V2A, 304)
Approx. 0.8
Aluminum (Al)
Approx. 0.45
Copper (Cu)
Approx. 0.4
Installation note
Remark
Associated graphic see "Installation"
A
12 mm
B
24 mm
C
12 mm
D
12 mm
E
8 mm
F
32 mm
Classifications
ECl@ss 5.0
27270101
ECl@ss 5.1.4
27270101
ECl@ss 6.0
27270101
2018-05-22 15:57:17 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com