Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7902122 Datasheet(PDF) 2 Page - SICK AG

Part # 7902122
Description  INDUCTIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

7902122 Datasheet(HTML) 2 Page - SICK AG

  7902122 Datasheet HTML 1Page - SICK AG 7902122 Datasheet HTML 2Page - SICK AG 7902122 Datasheet HTML 3Page - SICK AG 7902122 Datasheet HTML 4Page - SICK AG 7902122 Datasheet HTML 5Page - SICK AG 7902122 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IM18-05BUS-ZU0 | IM AC
INDUCTIVE PROXIMITY SENSORS
Illustration may differ
Ordering information
Type
Part no.
IM18-05BUS-ZU0
7902122
Other models and accessories
www.sick.com/IM_AC
Detailed technical data
Features
Housing
Cylindrical thread design
Housing
Standard
Thread size
M18
1
Diameter
Ø 18 mm
Sensing range Sn
5 mm
Safe sensing range Sa
4.05 mm
Installation type
Flush
Switching frequency
25 Hz 1)
100 Hz 2)
Connection type
Cable, 2-wire, 2 m
Output function
NO
Electrical wiring
AC/DC 2-wire
Enclosure rating
IP67 3)
1) AC.
2) DC.
3) According to EN 60529.
Mechanics/electronics
Supply voltage
20 V AC/DC ... 250 V AC/DC
Voltage drop
≤ 6.5 V AC, ≤ 6 V DC
1) Ub and Ta constant.
2) Of Sr.
3) Repeatability (Ta not constant).
4) AC (+50 °C).
5) AC (+80 °C).
6) DC.
7) 20 ms / 0.5 Hz.
8) Miniature fuse to IEC 60217-2 Sheet 1, ≤ 2 A (quick-blow).
9) Control of small electromagnetic loads with holding currents < 200 mA.
10) Control of solenoids.
2
PROXIMITY SENSORS | SICK
Online data sheet | 2018-06-15 11:28:27
Subject to change without notice



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com