Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7902122 Datasheet(PDF) 3 Page - SICK AG

Part # 7902122
Description  INDUCTIVE PROXIMITY SENSORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

7902122 Datasheet(HTML) 3 Page - SICK AG

  7902122 Datasheet HTML 1Page - SICK AG 7902122 Datasheet HTML 2Page - SICK AG 7902122 Datasheet HTML 3Page - SICK AG 7902122 Datasheet HTML 4Page - SICK AG 7902122 Datasheet HTML 5Page - SICK AG 7902122 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IM18-05BUS-ZU0 | IM AC
INDUCTIVE PROXIMITY SENSORS
Time delay before availability
≤ 8 ms
Hysteresis
1 % ... 15 %
Reproducibility
≤ 10 % 1) 2) 3)
Temperature drift (of Sr)
± 10 %
EMC
As per EN 55011, class B
As per EN 55011, class B
Continuous current Ia
≤ 350 mA 4)
≤ 250 mA 5)
≤ 100 mA 6)
Off-state current
≤ 2.5 mA (AC 250 V)
≤ 1.3 mA (AC 110 V)
≤ 0.8 mA (DC 24 V)
Minimum load current
≥ 5 mA
Short-time withstand current
2.2 A 7)
Cable material
PUR
Conductor size
0.5 mm²
Short-circuit protection
– 8)
Power-up pulse protection
✔
Shock and vibration resistance
30 g, 11 ms / 10 ... 55 Hz, 1 mm
Ambient operating temperature
–25 °C ... +80 °C
Housing material
Metal, Nickel-plated brass
Sensing face material
Plastic, Plastic
Housing length
80 mm
Thread length
58 mm
Tightening torque, max.
≤ 35 Nm
Protection class
II
Rated insulation voltage Ui
250 V AC
Usage category
AC-140 9)
DC-13 10)
Contamination rating
3
Rated impulse withstand voltage
4 kV
1) Ub and Ta constant.
2) Of Sr.
3) Repeatability (Ta not constant).
4) AC (+50 °C).
5) AC (+80 °C).
6) DC.
7) 20 ms / 0.5 Hz.
8) Miniature fuse to IEC 60217-2 Sheet 1, ≤ 2 A (quick-blow).
9) Control of small electromagnetic loads with holding currents < 200 mA.
10) Control of solenoids.
Reduction factors
Note
The values are reference values which may vary
Stainless steel (V2A, 304)
Approx. 0.8
Aluminum (Al)
Approx. 0.45
2018-06-15 11:28:27 | Online data sheet
Subject to change without notice
PROXIMITY SENSORS | SICK
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com