Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP80C86-2Z Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # CP80C86-2Z
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CP80C86-2Z Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button CP80C86-2Z Datasheet HTML 9Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 10Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 11Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 12Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 13Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 14Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 15Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 16Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 13 of 38
August 19, 2015
Bus Hold Circuitry
To avoid high current conditions caused by floating inputs to
CMOS devices and to eliminate need for pull-up/down resistors,
“bus-hold” circuitry has been used on the 80C86 pins 2-16, 26-32
and 34-39 (see Figures 4A and 4B). These circuits will maintain
the last valid logic state if no driving source is present (i.e., an
unconnected pin or a driving source which goes to a high
impedance state). To overdrive the “bus hold” circuits, an external
driver must be capable of supplying approximately 400µA
minimum sink or source current at valid input voltage levels. Since
this “bus hold” circuitry is active and not a “resistive” type element,
the associated power supply current is negligible and power
dissipation is significantly reduced when compared to the use of
passive pull-up resistors.
Interrupt Operations
Interrupt operations fall into two classes: software or hardware
initiated. The software initiated interrupts and software aspects
of hardware interrupts are specified in the “Instruction Set
Summary” on page 31. Hardware interrupts can be classified
as non-maskable or maskable.
Interrupts result in a transfer of control to a new program
location. A 256-element table containing address pointers to the
interrupt service program locations resides in absolute locations
0 through 3FFH, which are reserved for this purpose. Each
element in the table is 4 bytes in size and corresponds to an
interrupt “type”. An interrupting device supplies an 8-bit type
number during the interrupt acknowledge sequence, which is
used to “vector” through the appropriate element to the new
interrupt service program location. All flags and both the Code
Segment and Instruction Pointer register are saved as part of
the lNTA sequence. These are restored upon execution of an
Interrupt Return (IRET) instruction.
Non-Maskable Interrupt (NMI)
The processor provides a single non-maskable interrupt pin
(NMI) which has higher priority than the maskable interrupt
request pin (INTR). A typical use would be to activate a power
failure routine. The NMI is edge-triggered on a LOW-to-HIGH
transition. The activation of this pin causes a type 2 interrupt.
NMl is required to have a duration in the HIGH state of greater
than two CLK cycles, but is not required to be synchronized to
the clock. Any positive transition of NMI is latched on-chip and
will be serviced at the end of the current instruction or between
whole moves of a block-type instruction. Worst case response
to NMI would be for multiply, divide, and variable shift
instructions. There is no specification on the occurrence of the
low-going edge; it may occur before, during or after the
servicing of NMI. Another positive edge triggers another
response if it occurs after the start of the NMI procedure. The
signal must be free of logical spikes in general and be free of
bounces on the low-going edge to avoid triggering extraneous
responses.
Maskable Interrupt (INTR)
The 80C86 provides a single interrupt request input (lNTR)
which can be masked internally by software with the resetting
of the interrupt enable flag (IF) status bit. The interrupt request
signal is level triggered. It is internally synchronized during
each clock cycle on the high-going edge of CLK. To be
responded to, lNTR must be present (HIGH) during the clock
period preceding the end of the current instruction or the end of
a whole move for a block type instruction. lNTR may be
removed anytime after the falling edge of the first INTA signal.
During the interrupt response sequence further interrupts are
disabled. The enable bit is reset as part of the response to any
interrupt (lNTR, NMI, software interrupt or single-step),
although the FLAGS register which is automatically pushed
onto the stack reflects the state of the processor prior to the
interrupt. Until the old FLAGS register is restored, the enable
bit will be zero unless specifically set by an instruction.
During the response sequence (see Figure 5) the processor
executes two successive (back-to-back) interrupt acknowledge
cycles. The 80C86 emits the LOCK signal (Max mode only) from
t2 of the first bus cycle until t2 of the second. A local bus “hold”
request will not be honored until the end of the second bus cycle.
In the second bus cycle, a byte is supplied to the 80C86 by the
82C59A Interrupt Controller, which identifies the source (type) of
the interrupt. This byte is multiplied by 4 and used as a pointer into
the interrupt vector lookup table. An INTR signal left HIGH will be
continually responded to within the limitations of the enable bit
and sample period. The INTERRUPT RETURN instruction
includes a FLAGS pop which returns the status of the original
interrupt enable bit when it restores the FLAGS.
FIGURE 4A. BUS HOLD CIRCUITRY PINS 2-16, 34-39
FIGURE 4B. BUS HOLD CIRCUITRY PINS 26-32
FIGURE 4. INTERNAL BUS HOLD DEVICES
OUTPUT
DRIVER
INPUT
BUFFER
INPUT
PROTECTION
CIRCUITRY
BOND
PAD
EXTERNAL
PIN
OUTPUT
DRIVER
INPUT
BUFFER
INPUT
PROTECTION
CIRCUITRY
EXTERNAL
PIN
P
VCC
BOND
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com