Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP80C86-2Z Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # CP80C86-2Z
Description  CMOS 16-Bit Microprocessor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CP80C86-2Z Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button CP80C86-2Z Datasheet HTML 10Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 11Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 12Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 13Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 14Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 15Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 16Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 17Page - Renesas Technology Corp CP80C86-2Z Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
80C86
FN2957 Rev 4.00
Page 14 of 38
August 19, 2015
.
Halt
When a software “HALT” instruction is executed, the processor
indicates that it is entering the “HALT” state in one of two ways
depending upon which mode is strapped. In minimum mode,
the processor issues one ALE with no qualifying bus control
signals. In maximum mode the processor issues appropriate
HALT status on S2, S1, S0 and the 82C88 bus controller
issues one ALE. The 80C86 will not leave the “HALT” state
when a local bus “hold” is entered while in “HALT”. In this case,
the processor reissues the HALT indicator at the end of the
local bus hold. An NMI or interrupt request (when interrupts
enabled) or RESET will force the 80C86 out of the “HALT”
state.
Read/Modify/Write (Semaphore)
Operations Via Lock
The LOCK status information is provided by the processor when
consecutive bus cycles are required during the execution of an
instruction. This gives the processor the capability of performing
read/modify/write operations on memory (via the Exchange
Register With Memory instruction, for example) without another
system bus master receiving intervening memory cycles. This is
useful in multiprocessor system configurations to accomplish “test
and set lock” operations. The LOCK signal is activated (forced
LOW) in the clock cycle following decoding of the software
“LOCK” prefix instruction. It is deactivated at the end of the last
bus cycle of the instruction following the “LOCK” prefix instruction.
While LOCK is active a request on a RQ/GT pin will be recorded
and then honored at the end of the LOCK.
External Synchronization Via TEST
As an alternative to interrupts, the 80C86 provides a single
software-testable input pin (TEST). This input is utilized by
executing a WAIT instruction. The single WAIT instruction is
repeatedly executed until the TEST input goes active (LOW).
The execution of WAIT does not consume bus cycles once the
queue is full.
If a local bus request occurs during WAIT execution, the 80C86
three-states all output drivers while inputs and I/O pins are held
at valid logic levels by internal bus-hold circuits. If interrupts are
enabled, the 80C86 will recognize interrupts and process them
when it regains control of the bus. The WAIT instruction is then
refetched, and re-executed.
TABLE 4. 80C86 REGISTER
Basic System Timing
Typical system configurations for the processor operating in
minimum mode and in maximum mode are shown in
Figures 6A and 6B, respectively. In minimum mode, the
MN/MX pin is strapped to VCC and the processor emits bus
control signals (e.g. RD, WR, etc.) directly. In maximum mode,
the MN/MX pin is strapped to GND and the processor emits
coded status information which the 82C88 bus controller uses
to generate MULTIBUS compatible bus control signals. Figure
3 shows the signal timing relationships.
System Timing - Minimum System
The read cycle begins in t1 with the assertion of the Address
Latch Enable (ALE) signal. The trailing (low-going) edge of this
signal is used to latch the address information, which is valid
on the address/data bus (AD0-AD15) at this time, into the
82C82/82C83 latch. The BHE and A0 signals address the low,
high or both bytes. From t1 to t4 the M/lO signal indicates a
memory or I/O operation. At t2, the address is removed from
the address/data bus and the bus is held at the last valid logic
state by internal bus hold devices. The read control signal is
also asserted at t2. The read (RD) signal causes the
addressed device to enable its data bus drivers to the local
bus. Some time later, valid data will be available on the bus
and the addressed device will drive the READY line HIGH.
When the processor returns the read signal to a HIGH level,
the addressed device will again three-state its bus drivers. If a
transceiver (82C86/82C87) is required to buffer the 80C86
local bus, signals DT/R and DEN are provided by the 80C86.
A write cycle also begins with the assertion of ALE and the
emission of the address. The M/IO signal is again asserted to
ALE
LOCK
INTA
AD0-
FLOAT
TYPE
AD15
t1
t2
t3
t4 TI
t1
t2
t3
t4
VECTOR
FIGURE 5. INTERRUPT ACKNOWLEDGE SEQUENCE
AH
AL
BH
CH
DH
BL
CL
DL
SP
BP
SI
DI
IP
FLAGSH
FLAGSL
CS
DS
SS
ES
AX
BX
CX
DX
ACCUMULATOR
BASE
COUNT
DATA
STACK POINTER
BASE POINTER
SOURCE INDEX
DESTINATION INDEX
INSTRUCTION POINTER
STATUS FLAG
CODE SEGMENT
DATA SEGMENT
STACK SEGMENT
EXTRA SEGMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com