Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP82C52 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # IP82C52
Description  CMOS Serial Controller Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IP82C52 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button IP82C52 Datasheet HTML 13Page - Renesas Technology Corp IP82C52 Datasheet HTML 14Page - Renesas Technology Corp IP82C52 Datasheet HTML 15Page - Renesas Technology Corp IP82C52 Datasheet HTML 16Page - Renesas Technology Corp IP82C52 Datasheet HTML 17Page - Renesas Technology Corp IP82C52 Datasheet HTML 18Page - Renesas Technology Corp IP82C52 Datasheet HTML 19Page - Renesas Technology Corp IP82C52 Datasheet HTML 20Page - Renesas Technology Corp IP82C52 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
82C52
FN2950 Rev 4.00
Page 19 of 21
November 25, 2015
Burn-In Circuits
MD82C52 CERDIP
MR82C52 CLCC
NOTES:
1. VCC = 5.5V 0.5V
GND = 0V
2. VIH = 4.5V 10%
VIL = -0.2V to +0.4V
3. Component Values:
R1 = 1.2K
, 1/4W, 5%
R2 = 47K
, 1/4W, 5%
R3 = 10K
, 1/4W, 5%
C1 = 1.0
F nominal
C2 = 0.01
F minimum
F0 = 100KHz
10%, F1 = F0/2, F2 = F1/2 . . . F12 = F11/2
28
27
26
25
24
23
22
21
20
19
18
17
16
15
R1
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
R1
R1
R1
R1
R1
R1
R1
R1
R1
GND
VCC/2
VCC
VCC/2
A
VCC/2
VCC/2
VCC
GND
GND
VCC/2
VCC
VCC/2
VCC/2
VCC
Q3
GND
Q4
Q5
Q6
Q7
Q8
Q7
Q8
Q1
Q2
F0
VCC/2
C2
VCC
C1
A
R3
23
24
25
22
21
20
19
11
3
2
1
4
14
15
16
17
18
12
13
28
27
26
10
5
6
7
8
9
VCC
C1
A
R3
R1
VCC/2
R1
VCC/2
R1
VCC/2
R1
VCC/2
R1
VCC/2
R1
VCC
R2
Q5
A
R2
Q6
R2
Q7
R2
Q8
R2
Q7
R2
Q8
R2
Q1
R1
VCC
GND
R1
R1
VCC/2
R2
F0
R2
Q2
R1
VCC
GND
R1
R2
VCC
R2
GND
R2
Q4
Q3
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com