Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP82C52 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # IP82C52
Description  CMOS Serial Controller Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IP82C52 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button IP82C52 Datasheet HTML 13Page - Renesas Technology Corp IP82C52 Datasheet HTML 14Page - Renesas Technology Corp IP82C52 Datasheet HTML 15Page - Renesas Technology Corp IP82C52 Datasheet HTML 16Page - Renesas Technology Corp IP82C52 Datasheet HTML 17Page - Renesas Technology Corp IP82C52 Datasheet HTML 18Page - Renesas Technology Corp IP82C52 Datasheet HTML 19Page - Renesas Technology Corp IP82C52 Datasheet HTML 20Page - Renesas Technology Corp IP82C52 Datasheet HTML 21Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
82C52
FN2950 Rev 4.00
Page 20 of 21
November 25, 2015
Die Characteristics
DIE DIMENSIONS:
178.7 x 187.0 x 19
1mils
METALLIZATION:
Type: Silicon - Aluminum
Thickness: 11k
Å 2kÅ
GLASSIVATION:
Type: Nitrox
Thickness: 10k
Å
WORST CASE CURRENT DENSITY:
2.07 x 104 A/cm2
Metallization Mask Layout
82C52
D0
SD1
INTR
TBRE
CO
D1
CTS
GND
IX
WR
RD
CSO
VCC
DR
RST
RTS
DTR
DSR
SDO
OX
D2
D3
D4
D5
D6
D7
A0
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com