Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS82C52Z Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # CS82C52Z
Description  CMOS Serial Controller Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CS82C52Z Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button CS82C52Z Datasheet HTML 3Page - Renesas Technology Corp CS82C52Z Datasheet HTML 4Page - Renesas Technology Corp CS82C52Z Datasheet HTML 5Page - Renesas Technology Corp CS82C52Z Datasheet HTML 6Page - Renesas Technology Corp CS82C52Z Datasheet HTML 7Page - Renesas Technology Corp CS82C52Z Datasheet HTML 8Page - Renesas Technology Corp CS82C52Z Datasheet HTML 9Page - Renesas Technology Corp CS82C52Z Datasheet HTML 10Page - Renesas Technology Corp CS82C52Z Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
82C52
FN2950 Rev 4.00
Page 7 of 21
November 25, 2015
a buffered version of the data seen on the SDI input and is
not a resynchronized output. Also note that normal UART
transmission via the Transmitter Register is disabled when
operating in the Echo mode (see Figure 4). The Loop Test
Mode internally routes transmitted data to the receiver
circuitry for the purpose of self test. The transmit data is
disabled from the SDO output pin. The Receiver Enable bit
gates off the input to the receiver circuitry when in the false
state.
Modem Interrupt Enable will permit any change in modem
status line inputs (CTS, DSR) to cause an interrupt when this
bit is enabled. Bit D7 must always be written to with a logic
zero to insure correct 82C52 operation.
UART Status Register (USR)
The USR provides a single register that the controlling sys
tem can examine to determine if errors have occurred or if
other status changes in the 82C52 require attention. For this
reason, the USR is usually the first register read by the CPU
to determine the cause of an interrupt or to poll the status of
the 82C52.
Three error flags OE, FE and PE report the status of any
error conditions detected in the receiver circuitry. These
error flags are updated with every character received during
reception of the stop bits. The Overrun Error (OE) indicates
that a character in the Receiver Register has been received
and cannot be transferred to the Receiver Buffer Register
(RBR) because the RBR was not read by the CPU. Framing
Error (FE) indicates that the last character received in the
RBR contained improper stop bits. This could be caused by
the absence of the required stop bit(s) or by a stop bit(s) that
was too short to be properly detected. Parity Error (PE)
indicates that the last character received in the RBR
contained a parity error based on the programmed parity of
the receiver and the calculated parity of the received
character data and parity bits.
The Received Break (RBRK) status bit indicates that the last
character received was a break character. A break character
would be considered to be an invalid data character in that
the entire character including parity and stop bits are a logic
zero.
The Modem Status bit is set whenever a transition is
detected on any of the Modem input lines (CTS or DSR). A
subsequent read of the Modem Status Register will show the
state of these two signals. Assertion of this bit will cause an
interrupt (INTR) to be generated if the MIEN and INTEN bits
in the MCR register are enabled.
The Transmission Complete (TC) bit indicates that both the
TBR and Transmitter Registers are empty and the 82C52
has completed transmission of the last character it was
commanded to transmit. The assertion of this bit will cause
an interrupt (INTR) if the INTEN bit in the MCR register is
true.
The Transmitter Buffer Register Empty (TBRE) bit indicates
that the TBR register is empty and ready to receive another
character.
The Data Ready (DR) bit indicates that the RBR has been
loaded with a received character (including Break) and that
the CPU may access this data.
Assertion of the TBRE or DR bits do not affect the INTR logic
and associated INTR output pin since the 82C52 has been
designed to provide separate requests via the DR and TBRE
output pins. If a single interrupt for any status change in the
82C52 is desired this can be accomplished by using an
82C59A Interrupt controller with DR, TBRE, and INTR as
inputs. (See Figure 11).
D7 D6 D5 D4 D3 D2 D1 D0
Request
to Send
(RTS)
0 = RTS Output High†
1 = RTS Output Low
Data
Terminal
Ready
(DTR)
0 = DTR Output High
1 = DTR Output Low
Interrupt
Enable
(INTEN)
1 = Interrupts Enabled
0 = interrupts Disabled
Mode
Select
00 = Normal
01 = Transmit Break
10 = Echo Mode
11 = Loop Test Mode
Receiver
Enable
(REN)
0 = Not Enabled
1 = Enabled
Modem
Interrupt
Enable
(MIEN)
0 = Not Enabled
1 = Enabled
Must be Set to a Logic 0 for
Normal 82C52 Operation
† See Modem Status Register description for a description of
register flag images with respect to output pins.
FIGURE 3. MCR
FIGURE 4. LOOP AND ECHO MODE FUNCTIONALITY
SERIAL DATA
FROM
TRANSMITTER
REGISTER
ECHO MODE
SERIAL DATA
TO RECEIVER
REGISTER
SDO
PIN 15
SDI
PIN 25
LOOP
MODE
82C52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com