| Electronic Components Datasheet Search |
|
CS82C52Z Datasheet(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
CS82C52Z Datasheet(HTML) 17 Page - Renesas Technology Corp |
|
17 / 21 page ![]() 82C52 FN2950 Rev 4.00 Page 17 of 21 November 25, 2015 NOTES: 1. TBRE bit D6 in USR is updated each time TBRE changes state. 2. A. With TR initially empty, TCLTH(TBRE) occurs from the 4th falling edge of CO(BRG) after WR goes high. B. With TR initially full, TCLTH(TBRE) occurs from the trailing edge of the 15th CO(BRG) in the last Stop bit provided WR went high by the trailing edge of the 12th CO(BRG) in the last Stop bit. 3. A. With TR (Transmitter Register) initially empty, TDTX occurs from the 5th falling edge of CO(BRG) after WR goes high. B. With TR initially full, TDTX occurs from the trailing edge of the 16th CO(BRG) in the last Stop bit provided WR went high by the trailing edge of the 12th CO(BRG) in the last Stop bit. 4. TCTHX is time before end of last Stop bit by which CTS must be inactive (high) to prevent transmission of the character waiting in TBR. 5. With CTS high (disable transmit) and TBR full, TCLTH(TBRE) occurs from the 4th falling edge of CO(BRG) after CTS goes low. 6. With CTS high (disable transmit) and TBR full, TDTX occurs from the 5th falling edge of CO(BRG) after CTS goes low. FIGURE 19. RECEIVE TIMING UART Timing Characterization (Continued) CO(BRG) SDI DR INTR 11 12 13 14 15 16 1/I 2/I 3/I (23) TRLIL (26) TRLDL USR RBR START BIT / IDLE (25) TDRH (21) TIHF RD LAST STOP BIT NOTE 1 NOTE 2 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |