Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAST16086YA3 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # EAST16086YA3
Description  Compatible with automatic placement equipment.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST16086YA3 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  EAST16086YA3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2014-08-07 15:06:36.0
DATASHEET
SMD  REFLECTOR
EAST16086YA1
2
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 15-Aug-2005. Issue No:
DSE-0011838
www.everlightamericas.com
․Besides, lightweight makes them ideal for miniature applications. etc.
Applications
․Backlighting in dashboard and switch.
․Telecommunication: indicator and backlighting in telephone and fax.
․Flat backlight for LCD, switch and symbol.
․General use.
Device Selection Guide
Chip
Materials
Emitted Color
Resin Color
AlGaInP
Brilliant Yellow
Water Clear
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Peak Forward Current
(Duty 1/10 @1KHz)
IFP
60
mA
Power Dissipation
Pd
60
mW
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +90
℃
Electrostatic Discharge
ESDHBM
2000
V
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com