Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EAST16086YA3 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # EAST16086YA3
Description  Compatible with automatic placement equipment.
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST16086YA3 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button EAST16086YA3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 10Page - Everlight Electronics Co., Ltd EAST16086YA3 Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2014-08-07 15:06:36.0
DATASHEET
SMD  REFLECTOR
EAST16086YA1
7
Copyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : 15-Aug-2005. Issue No:
DSE-0011838
www.everlightamericas.com
Moisture Resistant Packing Materials
Label Explanation
‧
CPN: Customer’s Product Number
‧
P/N: Product Number
‧
QTY: Packing Quantity
‧
CAT: Luminous Intensity Rank
‧
HUE: Chromaticity Coordinates & Dom. Wavelength
Rank
‧
REF: Forward Voltage Rank
‧
LOT No: Lot Number
Reel Dimensions
Note: The tolerances unless mentioned is ±0.1mm ,Unit = mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com